データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM1200 データシート(PDF) 4 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

部品番号 FM1200
部品情報  1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
ホームページ  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

FM1200 データシート(HTML) 4 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  FM1200 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FM1200 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FM1200 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FM1200 Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. FM1200 Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Profile Feature
Soldering Condition
Average ramp-up rate(TL to TP)
<3
/sec
Preheat
o
-Temperature Min(Tsmin)
150 C
o
-Temperature Max(Tsmax)
200 C
-Time(min to max)(ts)
60~120sec
Tsmax to TL
o
-Ramp-upRate
<3 C/sec
Time maintained above:
o
-Temperature(TL)
217 C
-Time(tL)
60~260sec
o
o
Peak Temperature(TP)
255 C-0/+5 C
o
Time within 5 C of actual Peak
Temperature(tP)
o
Ramp-down Rate
<6 C/sec
o
Time 25 C to Peak Temperature
<6minutes
oC
10~30sec
3.Reflow soldering
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
o
o
C
C
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
o
t25 C to Peak
Time
25
TL
TP
Ramp-down
FM120 THRU FM1200
2014-03 01版
http://www.microdiode.com


同様の部品番号 - FM1200

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM1200 RECTRON-FM1200 Datasheet
269Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
logo
Formosa MS
FM1200-L FORMOSA-FM1200-L Datasheet
173Kb / 7P
   Chip Schottky Barrier Rectifier
FM1200-MH1 FORMOSA-FM1200-MH1 Datasheet
69Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Frontier Electronics.
FM1200-MH1 FRONTIER-FM1200-MH1 Datasheet
609Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
FM1200-MH1 FRONTIER-FM1200-MH1 Datasheet
609Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
More results

同様の説明 - FM1200

メーカー部品番号データシート部品情報
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
SS12 PACELEADER-SS12 Datasheet
550Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
E-CMOS Corporation
ECCSR120 E-CMOS-ECCSR120 Datasheet
307Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
E-CMOS Corporation
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
   16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
   20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
logo
WILLAS ELECTRONIC CORP
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
   2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
PACELEADER INDUSTRIAL
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com