データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ60A データシート(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

部品番号 SMAJ60A
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
ホームページ  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SMAJ60A データシート(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SMAJ60A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMAJ60A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMAJ60A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMAJ60A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMAJ60A Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Part Number
Device
Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
Unidirectional Bidirectional
UNI
BI
VRWM(V)
VBR(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
SMAJ120A
SMAJ120CA
SG
VG
120.0
133.00~147.00
1
193.0
2.1
1
SMAJ130A
SMAJ130CA
SK
VK
130.0
144.00~159.00
1
209.0
1.9
1
SMAJ150A
SMAJ150CA
SM
VM
150.0
167.00~185.00
1
243.0
1.6
1
SMAJ160A
SMAJ160CA
SP
VP
160.0
178.00~197.00
1
259.0
1.5
1
SMAJ170A
SMAJ170CA
SR
VR
170.0
189.00~209.00
1
275.0
1.5
1
SMAJ180A
SMAJ180CA
ST
VT
180.0
201.00~222.00
1
292.0
1.4
1
SMAJ190A
SMAJ190CA
SU
YU
190.0
211.00~233.00
1
308.0
1.3
1
SMAJ200A
SMAJ200CA
SV
VV
200.0
224.00~247.00
1
324.0
1.2
1
SMAJ210A
SMAJ210CA
SW
YW
210.0
237.00~263.00
1
340.0
1.2
1
SMAJ220A
SMAJ220CA
GE
VX
220.0
246.00~272.00
1
356.0
1.1
1
SMAJ250A
SMAJ250CA
SZ
VZ
250.0
279.00~309.00
1
405.0
1.0
1
SMAJ300A
SMAJ300CA
TE
UE
300.0
335.00~371.00
1
486.0
0.8
1
SMAJ350A
SMAJ350CA
TG
UG
350.0
391.00~432.00
1
567.0
0.7
1
SMAJ400A
SMAJ400CA
TK
UK
400.0
447.00~494.00
1
648.0
0.6
1
SMAJ440A
SMAJ440CA
TM
UM
440.0
492.00~543.00
1
713.0
0.6
1
Notes: For bidirectional type having VRWM of 10V and less, the IR limit is double.
Electrical Characteristics (TA=25℃
)
Figure 1. Peak Pulse Power Rating Curve
Figure 3. Pulse Waveform
0
25
50
75
100
125
150
0
20
40
60
80
100
TA-Ambient Temperature (℃)
175
Figure 2. Pulse Derating Curve
Figure 4. Typical Junction Capacitance


同様の部品番号 - SMAJ60A

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMAJ60A JGD-SMAJ60A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ60A SOCAY-SMAJ60A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ60A SOCAY-SMAJ60A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ60A LUGUANG-SMAJ60A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
DIYI Electronic Technol...
SMAJ60A DYELEC-SMAJ60A Datasheet
530Kb / 5P
   Excellent clamping capability
More results

同様の説明 - SMAJ60A

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com