データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08351 データシート(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 ADC08351
部品情報  8-Bit, 42 MSPS, 40 mW A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08351 データシート(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC08351 Datasheet HTML 3Page - National Semiconductor (TI) ADC08351 Datasheet HTML 4Page - National Semiconductor (TI) ADC08351 Datasheet HTML 5Page - National Semiconductor (TI) ADC08351 Datasheet HTML 6Page - National Semiconductor (TI) ADC08351 Datasheet HTML 7Page - National Semiconductor (TI) ADC08351 Datasheet HTML 8Page - National Semiconductor (TI) ADC08351 Datasheet HTML 9Page - National Semiconductor (TI) ADC08351 Datasheet HTML 10Page - National Semiconductor (TI) ADC08351 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Typical Performance Characteristics V
A =VD =VD I/O = 3V, fCLK = 42 MHz, unless otherwise
specified (Continued)
Specification Definitions
ANALOG INPUT BANDWIDTH is a measure of the fre-
quency at which the reconstructed output fundamental drops
3 dB below its low frequency value for a full scale input. The
test is performed with f
IN equal to 100 kHz plus integer mul-
tiples of f
CLK. The input frequency at which the output is
−3 dB relative to the low frequency input signal is the full
power bandwidth.
DIFFERENTIAL GAIN ERROR is the percentage difference
between the output amplitudes of a high frequency recon-
structed sine wave at two different dc input levels.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of
the maximum deviation from the ideal step size of 1 LSB.
DIFFERENTIAL PHASE ERROR is the difference in the out-
put phase of a reconstructed small signal sine wave at two
different dc input levels.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE
BITS) is another method of specifying Signal-to-Noise and
Distortion Ratio, or SINAD. ENOB is defined as (SINAD -
1.76)/6.02 and says that the converter is equivalent to a per-
fect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency
at which the reconstructed output fundamental drops 3 dB
below its low frequency value for a full scale input. The test
is performed with f
IN equal to 100KHz plus integer multiples
of f
CLK The input frequency at which the output is — 3 dB
relative to the low frequency input signal is the full power
bandwidth.
SINAD and ENOB vs f
CLK
DS100895-16
SINAD and ENOB vs
Clock Duty Cycle
DS100895-17
SNR vs f
IN
DS100895-18
THD vs f
IN
DS100895-19
(I
D)+(IA)vsfCLK
DS100895-20
t
OD vs VD
DS100895-21
Spectral Response @ 42 MSPS
DS100895-22
www.national.com
7


同様の部品番号 - ADC08351

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
519Kb / 17P
   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
[Old version datasheet]   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
National Semiconductor ...
ADC08351CILQ NSC-ADC08351CILQ Datasheet
519Kb / 17P
   8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351CILQX NSC-ADC08351CILQX Datasheet
519Kb / 17P
   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Texas Instruments
ADC08351CILQX/NOPB TI1-ADC08351CILQX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   8-Bit, 42 MSPS, 40 mW A/D Converter
More results

同様の説明 - ADC08351

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
[Old version datasheet]   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Texas Instruments
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
[Old version datasheet]   14-Bit, 40 MSPS, 235 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com