データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3533TME-40 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM3533TME-40
部品情報  Complete Lighting Power Solution for Smartphone Handsets
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533TME-40 データシート(HTML) 6 Page - Texas Instruments

Back Button LM3533TME-40 Datasheet HTML 2Page - Texas Instruments LM3533TME-40 Datasheet HTML 3Page - Texas Instruments LM3533TME-40 Datasheet HTML 4Page - Texas Instruments LM3533TME-40 Datasheet HTML 5Page - Texas Instruments LM3533TME-40 Datasheet HTML 6Page - Texas Instruments LM3533TME-40 Datasheet HTML 7Page - Texas Instruments LM3533TME-40 Datasheet HTML 8Page - Texas Instruments LM3533TME-40 Datasheet HTML 9Page - Texas Instruments LM3533TME-40 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
LM3533
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified VIN = 3.6 V; typical limits are for TA = 25°C and minimum and maximum limits apply over the full
operating ambient temperature range (
−40°C ≤ TA ≤ +85°C).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INT OUTPUT
Output Logic Low (INT
VLOW
2.7 V
≤ VIN ≤ 5.5 V
400
mV
Mode)
I2C-COMPATIBLE VOLTAGE SPECIFICATIONS (SCL, SDA)
VIL
Input logic low
2.7 V
≤ VIN ≤ 5.5 V
0
400
mV
VIH
Input logic high
2.7 V
≤ VIN ≤ 5.5 V
1.25
VIN
V
VOL
Output logic low (SDA)
ILOAD = 3mA
400
mV
AMBIENT LIGHT SENSOR (ALS)
ALS internal pulldown
R_ALS Select Register = 0x0F
RALS
resistor in analog sensor
12.36
13.33
13.94
k
Ω
2.7 V
≤ VIN ≤ 5.5 V
input mode
Ambient Light Sensor
VALS_REF
2.7 V
≤ VIN ≤ 5.5 V
1.9
2
2.1
V
Reference Voltage
Minimum Threshold for
Analog sensor mode
VALS_MIN
ALS Input Voltage
3
10
15
mV
2.7 V
≤ VIN ≤ 5.5 V, Code 0 to 1 transition point
Sensing
tCONV
Conversion Time
140
µs
LSB
ADC Resolution
2.7 V
≤ VIN ≤ 5.5 V
7.8
mV
6.6 I
2C Timing Requirements
MIN
NOM
MAX
UNIT
t1
SCL (Clock Period)
2.5
µs
t2
Data In Setup Time to SCL High
100
ns
t3
Data Out Stable After SCL Low
0
ns
t4
SDA Low Setup Time to SCL Low (Start)
100
ns
t5
SDA High Hold Time After SCL High (Stop)
100
ns
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3533


同様の部品番号 - LM3533TME-40

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3533TME-40 TI1-LM3533TME-40 Datasheet
2Mb / 53P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
LM3533TME-40A TI1-LM3533TME-40A Datasheet
2Mb / 53P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
More results

同様の説明 - LM3533TME-40

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3533 TI1-LM3533 Datasheet
2Mb / 53P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
LM3633 TI1-LM3633 Datasheet
1Mb / 59P
[Old version datasheet]   Complete Lighting Power Solution for Smartphone Handsets
logo
National Semiconductor ...
SC14408 NSC-SC14408 Datasheet
95Kb / 5P
   Complete Baseband Processor for DECT Handsets
SC14404 NSC-SC14404 Datasheet
175Kb / 6P
   Complete Baseband Processor for DECT Handsets
SC14402 NSC-SC14402 Datasheet
78Kb / 7P
   Complete Baseband Processor for DECT Handsets
logo
Semtech Corporation
SC2615 SEMTECH-SC2615 Datasheet
216Kb / 13P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616_03 Datasheet
325Kb / 16P
   Complete DDR Power Solution
SC2616 SEMTECH-SC2616 Datasheet
414Kb / 17P
   Complete DDR Power Solution
logo
Texas Instruments
TPS65295 TI1-TPS65295 Datasheet
1Mb / 39P
[Old version datasheet]   complete DDR4 memory power solution
logo
Lumileds Lighting Compa...
DS66 LUMILEDS-DS66 Datasheet
1Mb / 18P
   Functional solution for forward lighting systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com