データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2738YMY データシート(PDF) 8 Page - Texas Instruments

部品番号 LM2738YMY
部品情報  1.5A Step-Down DC-DC Switching Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2738YMY データシート(HTML) 8 Page - Texas Instruments

Back Button LM2738YMY Datasheet HTML 4Page - Texas Instruments LM2738YMY Datasheet HTML 5Page - Texas Instruments LM2738YMY Datasheet HTML 6Page - Texas Instruments LM2738YMY Datasheet HTML 7Page - Texas Instruments LM2738YMY Datasheet HTML 8Page - Texas Instruments LM2738YMY Datasheet HTML 9Page - Texas Instruments LM2738YMY Datasheet HTML 10Page - Texas Instruments LM2738YMY Datasheet HTML 11Page - Texas Instruments LM2738YMY Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
LM2738
SNVS556C – APRIL 2008 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LM2738
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
All curves taken at VIN = 12 V, VBOOST – VSW = 5 V, and TA = 25°C, unless specified otherwise.
VOUT = 1.5 V
IOUT = 750 mA
Figure 13. Line Regulation – X Version
VOUT = 1.5 V
IOUT = 750 mA
Figure 14. Line Regulation – Y Version
VOUT = 3.3 V
IOUT = 750 mA
Figure 15. Line Regulation – X Version
VOUT = 3.3 V
IOUT = 750 mA
Figure 16. Line Regulation – Y Version
VOUT = 1.5 V
Figure 17. Load Regulation – X Version
VOUT = 1.5 V
Figure 18. Load Regulation – Y Version


同様の部品番号 - LM2738YMY

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2738YMY NSC-LM2738YMY Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
LM2738YMYX NSC-LM2738YMYX Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
More results

同様の説明 - LM2738YMY

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Texas Instruments
LM2738 TI-LM2738_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2738 550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com