データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3642 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM3642
部品情報  Synchronous Boost LED Flash Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3642 データシート(HTML) 4 Page - Texas Instruments

  LM3642_15 Datasheet HTML 1Page - Texas Instruments LM3642_15 Datasheet HTML 2Page - Texas Instruments LM3642_15 Datasheet HTML 3Page - Texas Instruments LM3642_15 Datasheet HTML 4Page - Texas Instruments LM3642_15 Datasheet HTML 5Page - Texas Instruments LM3642_15 Datasheet HTML 6Page - Texas Instruments LM3642_15 Datasheet HTML 7Page - Texas Instruments LM3642_15 Datasheet HTML 8Page - Texas Instruments LM3642_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM3642
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
VIN, VSW,VOUT
–0.3
6
V
VSCL, VSDA, VSTROBE, VTX, VLED
the lesser of (VIN+0.3) w/
–0.3
Vmax
V
Continuous power dissipation(4)
Internally limited
Junction temperature (TJ-MAX)
150
°C
Maximum lead temperature (soldering)
See(5)
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, contact the TI Sales Office/Distributors for availability and specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150°C (typical) and
disengages at TJ = 135°C (typical). Thermal shutdown is verified by design.
(5)
For detailed soldering specifications and information, refer to Texas Instruments Application Note 1112: DSBGA Wafer Level Chip Scale
Package (SNVA009).
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
2.5
5.5
V
Junction temperature (TJ)
–40
125
°C
Ambient temperature (TA)
(2)
–40
85
°C
(1)
All voltages are with respect to the potential at the GND pin.
(2)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
6.4 Thermal Information
LM3642
THERMAL METRIC(1)
YZR (DSBGA)
UNIT
9 PINS
RθJA
Junction-to-ambient thermal resistance
100.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.7
°C/W
RθJB
Junction-to-board thermal resistance
16.4
°C/W
ψJT
Junction-to-top characterization parameter
3.2
°C/W
ψJB
Junction-to-board characterization parameter
16.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3642


同様の部品番号 - LM3642_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
More results

同様の説明 - LM3642_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
[Old version datasheet]   Synchronous Boost Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com