データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3642TLE-LT データシート(PDF) 7 Page - Texas Instruments

部品番号 LM3642TLE-LT
部品情報  Synchronous Boost LED Flash Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3642TLE-LT データシート(HTML) 7 Page - Texas Instruments

Back Button LM3642TLE-LT Datasheet HTML 3Page - Texas Instruments LM3642TLE-LT Datasheet HTML 4Page - Texas Instruments LM3642TLE-LT Datasheet HTML 5Page - Texas Instruments LM3642TLE-LT Datasheet HTML 6Page - Texas Instruments LM3642TLE-LT Datasheet HTML 7Page - Texas Instruments LM3642TLE-LT Datasheet HTML 8Page - Texas Instruments LM3642TLE-LT Datasheet HTML 9Page - Texas Instruments LM3642TLE-LT Datasheet HTML 10Page - Texas Instruments LM3642TLE-LT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
2.7 3.0 3.3 3.6 3.9 4.1 4.4 4.7 5.0 5.3 5.5
5.00
5.03
5.06
5.09
5.12
5.15
5.18
5.21
5.24
5.27
5.30
VIN (V)
+25°C
+85°C
-40°C
2.5 2.7 2.9 3.1 3.2 3.4 3.6 3.7 3.9 4.1 4.2
0.10
0.11
0.12
0.13
0.15
0.15
0.16
0.17
0.18
0.19
0.20
VIN (V)
2.8 3.1 3.4 3.7 3.9 4.2 4.5 4.7 5.0 5.3 5.5
1.00
1.06
1.12
1.18
1.24
1.30
1.36
1.42
1.48
1.54
1.60
VIN (V)
1.5A
1.4A
1.31A
1.22A
1.1125A
2.8 3.0 3.1 3.3 3.4 3.5 3.7 3.8 4.0 4.1 4.2
0.15
0.18
0.20
0.23
0.25
0.28
0.30
0.33
0.35
0.38
0.40
VIN (V)
+25°C
+85°C
-40°C
2.5 2.7 2.9 3.1 3.2 3.4 3.6 3.7 3.9 4.1 4.2
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
VIN (V)
+25°C
+85°C
- 40°C
2.8 3.0 3.2 3.4 3.5 3.7 3.9 4.0 4.2 4.4 4.5
0.330
0.337
0.344
0.351
0.358
0.365
0.372
0.379
0.386
0.393
0.400
VIN(V)
+25°C
+85°C
-40°C
LM3642
www.ti.com
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
6.7 Typical Characteristics
Figure 2. Flash LED Current vs. VIN
Figure 3. Torch LED Current vs. VIN
VLED = 3.8 V, ILED = 1.5 A
VLED = 3.7 V, ILED = 375 mA
Figure 5. Flash Headroom Voltage vs. VIN
Figure 4. High Codes Flash LED Current vs. VIN
VLED = 3.8 V, ILED = 1 A
VLED = 3.8 V, Temp = 25°C
Figure 6. Torch Headroom Voltage vs. VIN
Figure 7. Output Voltage vs. VIN
VLED = 3.7 V, ILED = 375 mA
VLED = 3.8 V
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3642


同様の部品番号 - LM3642TLE-LT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
More results

同様の説明 - LM3642TLE-LT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
[Old version datasheet]   Synchronous Boost Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com