データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS259251DRCR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS259251DRCR
部品情報  Simple 5V/12V eFuse Protection Switches
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS259251DRCR データシート(HTML) 4 Page - Texas Instruments

  TPS259251DRCR Datasheet HTML 1Page - Texas Instruments TPS259251DRCR Datasheet HTML 2Page - Texas Instruments TPS259251DRCR Datasheet HTML 3Page - Texas Instruments TPS259251DRCR Datasheet HTML 4Page - Texas Instruments TPS259251DRCR Datasheet HTML 5Page - Texas Instruments TPS259251DRCR Datasheet HTML 6Page - Texas Instruments TPS259251DRCR Datasheet HTML 7Page - Texas Instruments TPS259251DRCR Datasheet HTML 8Page - Texas Instruments TPS259251DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TPS259250, TPS259251, TPS259260, TPS259261
SLVSCQ3A – AUGUST 2015 – REVISED AUGUST 2015
www.ti.com
7 Specifications
7.1
Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
–0.3
20
Supply voltage(1)
V
VIN (Transient < 1 ms)
22
OUT
–0.3
VIN + 0.3
V
Output voltage
OUT (Transient < 1 µs)
-1.2
V
Voltage
ILIM
–0.3
7
V
Continuous output current
6.25(3)
A
Voltage
EN/UVLO
–0.3
7
V
Voltage
dV/dT
–0.3
7
V
Storage temperature, Tstg
-65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Device supports high peak current during short circuit conditions until current is internally limited.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VIN (TPS25926x)
4.5
12
13.8
VIN (TPS25925x)
4.5
5
5.5
Input voltage
V
dV/dT, EN/UVLO
0
6
ILIM
0
3
Continuous output current
IOUT
0
5
A
Resistance
ILIM
10
100
162
k
Ω
OUT
0.1
1
1000
µF
External capacitance
dV/dT
1
1000
nF
Operating junction temperature range, TJ
–40
25
125
°C
Operating Ambient temperature range, TA
–40
25
85
°C
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS259250 TPS259251 TPS259260 TPS259261


同様の部品番号 - TPS259251DRCR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

同様の説明 - TPS259251DRCR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
ORION FANS
OD6010 ORIONFANS-OD6010 Datasheet
100Kb / 1P
   DC Fan - 5V, 12V
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
   Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Diodes Incorporated
AP91352 DIODES-AP91352 Datasheet
671Kb / 12P
   SAS DISABLE plus 5V eFUSE WITH INTEGRATED ISOFET
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
   3.3V 5V 12V HOUSEKEEPING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com