データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS259270DRCT データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS259270DRCT
部品情報  4.5V to 18-V eFuse with Blocking FET Control
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS259270DRCT データシート(HTML) 10 Page - Texas Instruments

Back Button TPS259270DRCT Datasheet HTML 6Page - Texas Instruments TPS259270DRCT Datasheet HTML 7Page - Texas Instruments TPS259270DRCT Datasheet HTML 8Page - Texas Instruments TPS259270DRCT Datasheet HTML 9Page - Texas Instruments TPS259270DRCT Datasheet HTML 10Page - Texas Instruments TPS259270DRCT Datasheet HTML 11Page - Texas Instruments TPS259270DRCT Datasheet HTML 12Page - Texas Instruments TPS259270DRCT Datasheet HTML 13Page - Texas Instruments TPS259270DRCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
VIN
VOUT
C2
C2
C3
I_IN
C2
C1
C4
EN
VOUT
C3
I_OUT
C2
C1
C4
EN
VIN
VOUT
C2
C2
C3
EN
I_IN
C2
C1
C4
Power Dissipation (W)
0.1
1
10
100
0.1
1
10
100
1000
10000
D001
TA = -40
oC
TA = 25
oC
TA = 85
oC
TA = 125
oC
3.05
3.06
3.07
3.08
3.09
3.1
-50
0
50
100
150
Temperature (oC)
Overload Current Limit (A)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
35
D001
TPS259270, TPS259271
SLVSCU8A – AUGUST 2015 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics (continued)
TJ = 25°C, VVIN = 12 V, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN = 0.1 µF, COUT = 1 µF, CdVdT = OPEN (unless stated otherwise)
Figure 20. Accuracy vs Overload Current Limit
Figure 19. VOpenILIM vs Temperature
TPS25927x, CdVdT = OPEN, COUT = 4.7 μF
Figure 21. Thermal Shutdown Time vs Power Dissipation
Figure 22. Transient: Output Ramp
EN
TPS25927x, VIN = 18 V, CdVdT = OPEN, COUT = 10 μF
Figure 24. Transient: Turn Off Delay
Figure 23. Transient: Output Ramp
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS259270 TPS259271


同様の部品番号 - TPS259270DRCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921AD TI1-TPS25921AD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921ADR TI1-TPS25921ADR Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921L TI1-TPS25921L Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
TPS25921LD TI1-TPS25921LD Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
More results

同様の説明 - TPS259270DRCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2592ZA TI1-TPS2592ZA Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V eFuse with Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Texas Instruments
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
[Old version datasheet]   5V/12V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com