データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB1F-10S-1.5H-TEJL-PA データシート(PDF) 10 Page - Hirose Electric

部品番号 CB1F-10S-1.5H-TEJL-PA
部品情報  Memory Stick Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HIROSE [Hirose Electric]
ホームページ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CB1F-10S-1.5H-TEJL-PA データシート(HTML) 10 Page - Hirose Electric

Back Button CB1F-10S-1.5H-TEJL-PA Datasheet HTML 2Page - Hirose Electric CB1F-10S-1.5H-TEJL-PA Datasheet HTML 3Page - Hirose Electric CB1F-10S-1.5H-TEJL-PA Datasheet HTML 4Page - Hirose Electric CB1F-10S-1.5H-TEJL-PA Datasheet HTML 5Page - Hirose Electric CB1F-10S-1.5H-TEJL-PA Datasheet HTML 6Page - Hirose Electric CB1F-10S-1.5H-TEJL-PA Datasheet HTML 7Page - Hirose Electric CB1F-10S-1.5H-TEJL-PA Datasheet HTML 8Page - Hirose Electric CB1F-10S-1.5H-TEJL-PA Datasheet HTML 9Page - Hirose Electric CB1F-10S-1.5H-TEJL-PA Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
100ç
150ç
200ç
300ç
50S
0S
100S
150S
200S
240
ç max.
220
ç
Preheating
Soldering
Preheating : 150ç 30 to 90 sec.
IR Reflow Conditions
Soldering : 235±5ç 10 sec. max.
220ç min. 10 to 20 sec.
<Recommended Conditions>
Reflow system
: IR reflow
Solder
: Paste type 63 Sn/37 Pb (Flux content 9 wt%)
Test board
: Glass epoxy 60mm x 100mm x 1.6 mm
Metal mask thickness
: 0.15 mm
Recommended temperature.
The temperature may be slightly changed according to the solder paste type and volume used.
sRecommended Temperature Profile


同様の部品番号 - CB1F-10S-1.5H-TEJL-PA

メーカー部品番号データシート部品情報
logo
Nais(Matsushita Electri...
CB1F-12V NAIS-CB1F-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1F-12V PANASONIC-CB1F-12V Datasheet
138Kb / 8P
   MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
CB1F-12V PANASONIC-CB1F-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
More results

同様の説明 - CB1F-10S-1.5H-TEJL-PA

メーカー部品番号データシート部品情報
logo
Mitsumi Electronics, Co...
CIM-E31 MITSUMI-CIM-E31 Datasheet
169Kb / 2P
   Memory Stick??Connectors
CIM-G24 MITSUMI-CIM-G24 Datasheet
86Kb / 2P
   Memory Stick??Duo Connectors
logo
ITT Industries
CCM05-5774T60 ITT-CCM05-5774T60 Datasheet
159Kb / 3P
   Memory Stick & Memory Stick Duo
logo
Yamaichi Electronics Co...
JCS010-2001-1 YAMAICHI-JCS010-2001-1 Datasheet
93Kb / 1P
   Memory Stick Duo / Memory Stick (2-in-1)
logo
ALPS ELECTRIC CO.,LTD.
SCNA ALPS-SCNA Datasheet
254Kb / 3P
   Connector for Memory Stick Micro?
logo
Adam Technologies, Inc.
MS-10-A-SG ADAM-TECH-MS-10-A-SG Datasheet
124Kb / 1P
   MEMORY STICK & SMART MEDIA SOCKETS
logo
PHOENIX CONTACT
2402809 PHOENIX-2402809 Datasheet
49Kb / 1P
   USB memory stick - USB FLASH DRIVE
logo
Texas Instruments
SN65LVDT14 TI-SN65LVDT14_07 Datasheet
367Kb / 16P
[Old version datasheet]   MEMORY STICK??INTERCONNECT EXTENDER CHIPSET WITH LVDS
logo
ALPS ELECTRIC CO.,LTD.
SCDB ALPS-SCDB Datasheet
136Kb / 3P
   Combine Type Connector (for SD Memory Card, MultiMediaCard?? Memory Stick??
logo
Texas Instruments
SN65LVDT14-EP TI1-SN65LVDT14-EP Datasheet
805Kb / 19P
[Old version datasheet]   Memory Stick INTERCONNECT EXTENDER CHIPSET WITH LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com