データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4148 データシート(PDF) 1 Page - Yea Shin Technology Co., Ltd

部品番号 1N4148
部品情報  500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YEASHIN [Yea Shin Technology Co., Ltd]
ホームページ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N4148 データシート(HTML) 1 Page - Yea Shin Technology Co., Ltd

  1N4148 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N4148 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N4148 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N4148 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Silicon Epitaxial Planar Diode
Fast switching diode
This diode is also available in other
case styles including: the SOD-123
case with the type designation
1N4448W, the MiniMELF case with the
type designation LL4448, and the SOT23
case with the type designation
MECHANICAL DATA
Case: DO-35
Weight: apprax: 0.13gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified
1N4148
Symbol
Value
Unit
Reverse Voltage
VR
75
V
Peak Reverse Voltage
VRM
100
V
Rectified Current (Average)
Half Wave Rectification with Resist. Load
at Tamb = 25 °C and f ≥ 50 Hz
I0
1501)
mA
Surge Forward Current at t < 1 s and Tj = 25 °C
IFSM
500
mA
Power Dissipation at Tamb = 25 °C
Ptot
5001)
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
TS
–65 to +175
°C
1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature (DO-35)
HIGH VOLTAGE SILICON RECTIFIER
VOLTAGE RANGE
75 Volts
CURRENT
1.5 A
ere
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Page:P4 -P1
OLITECH ELECTRONICS CO. LTD.


同様の部品番号 - 1N4148

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Micro Commercial Compon...
1N4148 MCC-1N4148 Datasheet
239Kb / 4P
   Metalurgically Bonded Construction Low Current Leakage High Reliability
logo
Dc Components
1N4148 DCCOM-1N4148 Datasheet
180Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
More results

同様の説明 - 1N4148

メーカー部品番号データシート部品情報
logo
Yea Shin Technology Co....
1N4448 YEASHIN-1N4448 Datasheet
309Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
1N4148M YEASHIN-1N4148M Datasheet
545Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TC1N4148M TAK_CHEONG-TC1N4148M_10 Datasheet
429Kb / 4P
   300 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
TC1N4148M TAK_CHEONG-TC1N4148M Datasheet
125Kb / 4P
   300 mW DO-34 Hermetically Sealed Glass Fast Switching Diodes
TC1N4148 TAK_CHEONG-TC1N4148 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TCBAW76 TAK_CHEONG-TCBAW76 Datasheet
125Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
Shanghai Leiditech Elec...
1N4148 LEIDITECH-1N4148 Datasheet
2Mb / 3P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
List of Unclassifed Man...
TC1N4148 ETC1-TC1N4148 Datasheet
509Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TC1N4148 TAK_CHEONG-TC1N4148_10 Datasheet
428Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes
TC1SS133M TAK_CHEONG-TC1SS133M Datasheet
67Kb / 2P
   300 mW DO-34 Hermetically Sealed Glass Switching Diodes
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com