データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4148WSFL-A データシート(PDF) 3 Page - Yea Shin Technology Co., Ltd

部品番号 1N4148WSFL-A
部品情報  200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YEASHIN [Yea Shin Technology Co., Ltd]
ホームページ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N4148WSFL-A データシート(HTML) 3 Page - Yea Shin Technology Co., Ltd

  1N4148WSFL-A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N4148WSFL-A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N4148WSFL-A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.yeashin.com
3
REV.02 20120305
SOD-323 Package Outline
NOTE: The above package outline is similar to JEITA SC-90.
1N4448WSF L - A / 1N914BWSF L - A
1N4148WS
FL-A /


同様の部品番号 - 1N4148WSFL-A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N4148WSFL-G VISHAY-1N4148WSFL-G Datasheet
93Kb / 5P
   Silicon epitaxial planar diode
Rev. 1.0, 24-Oct-13
More results

同様の説明 - 1N4148WSFL-A

メーカー部品番号データシート部品情報
logo
Yea Shin Technology Co....
1N4148WSFL YEASHIN-1N4148WSFL Datasheet
758Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4448WSFL YEASHIN-1N4448WSFL Datasheet
758Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4448WSFL-A YEASHIN-1N4448WSFL-A Datasheet
821Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
logo
Tak Cheong Electronics ...
1N4148WS TAK_CHEONG-1N4148WS Datasheet
660Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4148WS TAK_CHEONG-1N4148WS_11 Datasheet
198Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
BAT42WS TAK_CHEONG-BAT42WS Datasheet
129Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
logo
Yea Shin Technology Co....
1SS355FL-A YEASHIN-1SS355FL-A Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode
BAV21WSFL-A YEASHIN-BAV21WSFL-A Datasheet
836Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV19WSFL-A YEASHIN-BAV19WSFL-A Datasheet
836Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV20WSFL YEASHIN-BAV20WSFL Datasheet
822Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com