データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74004NH データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 74004NH
部品情報  Industrial Ethernet Cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

74004NH データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  74004NH Datasheet HTML 1Page - List of Unclassifed Manufacturers 74004NH Datasheet HTML 2Page - List of Unclassifed Manufacturers 74004NH Datasheet HTML 3Page - List of Unclassifed Manufacturers 74004NH Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Mechanical, Physical and/or Environmental Characteristics
Version 05 (01/11)
Flame Resistance
IEC 60332-1
IEC 60332-3-24 Cat C Bundle Flame Test for product 74004NH
Oil Resistance
IEC 60811-2-1
Bending Radius / Setting Radius
10 x Diameter / 5x Diameter
Halogen Free
IEC 60754-1 / IEC 60754-2 (FRNC and PUR Cable Jacket)
Maximum Pulling Tension
80N
Temperature Range - Installation
-5
oC to +50 oC
Temperature Range - Operating
-40
oC to +80 oC


同様の部品番号 - 74004NH

メーカー部品番号データシート部品情報
logo
Belden Inc.
74004NH BELDEN-74004NH Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
74004NH.011000 BELDEN-74004NH.011000 Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
74004NH.01305 BELDEN-74004NH.01305 Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
74004NH.01500 BELDEN-74004NH.01500 Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
74004NH.01B100 BELDEN-74004NH.01B100 Datasheet
173Kb / 3P
   DataTuff® 7, 4PR #23 Sol BC, PO ins, S/FTP, LSNH Jkt, AWM 20851, Dca
2022 Belden, Inc
More results

同様の説明 - 74004NH

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
   Industrial Ethernet Cables
1319753 ETC2-1319753 Datasheet
280Kb / 4P
   Industrial Ethernet Cables
1319759 ETC2-1319759 Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
   Industrial Ethernet Cables
logo
Intel Corporation
XLDACBL1 INTEL-XLDACBL1 Datasheet
187Kb / 2P
   Intel짰 Ethernet QSFP Cables
logo
Weidmuller
IE-SW-BL08-6TX-2SC WEIDMULLER-IE-SW-BL08-6TX-2SC Datasheet
235Kb / 4P
   Industrial Ethernet
February 26, 2019
logo
List of Unclassifed Man...
30065 ETC2-30065 Datasheet
136Kb / 1P
   Industrial Data Solutions LonWorks Cables
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com