データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4379BZDNA80 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM4379BZDNA80
部品情報  Sitara Processors
Download  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AM4379BZDNA80 データシート(HTML) 6 Page - Texas Instruments

Back Button AM4379BZDNA80 Datasheet HTML 2Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 3Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 4Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 5Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 6Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 7Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 8Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 9Page - Texas Instruments AM4379BZDNA80 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 266 page
background image
ARM
Cortex-A9
Up to 1000 MHz
32KB, 32KB L1
256KB L2, L3 RAM
64KB RAM
Graphics
PowerVR
SGX
3D GFX
20 MTri/s
Crypto
256KB
L3 RAM
Touch Screen Controller (TSC)
(A)
Display
Quad Core
PRU-ICSS
EtherCAT,
PROFINET,
EtherNet/IP,
EnDat
and more
L3 and L4 Interconnect
I C x3
2
UART x6
System Interface
EDMA
Timers x12
WDT
RTC
eHRPWM x6
eQEP, eCAP x3
JTAG, ETB
EMAC
2-port switch
10, 100, 1G
with 1588
(MII, RMII,
RGMII
and MDIO)
32b LPDDR2, DDR3, DDR3L
(B)
NAND, NOR, Async
(16-bit ECC)
Memory Interface
Processing: Overlay,
Resizing,Color Space
Conversion, and more
SPI x5
QSPI
CAN x2
HDQ, 1-Wire
ADC0 (8 inputs)
12-bit SAR
(A)
GPIO
Camera Interface
(2x Parallel)
MMC, SD,
SDIO x3
USB 2.0 Dual-Role
+ PHY x2
McASP x2
(4ch)
24-bit LCDCtrl (WXGA)
Simplified Power
Sequencing
ADC1 (8 inputs)
12-bit SAR
Copyright © 2016, Texas Instruments Incorporated
Secure Boot
(HS device only)
6
AM4376, AM4377, AM4378, AM4379
SPRS851C – JUNE 2014 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379
Device Overview
Copyright © 2014–2016, Texas Instruments Incorporated
1.4
Functional Block Diagram
A.
Use of TSC limits available ADC0 inputs.
B.
Maximum clock: LPDDR2 = 266 MHz; DDR3/DDR3L = 400 MHz.
Figure 1-1. Functional Block Diagram


同様の部品番号 - AM4379BZDNA80

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM4379 TI1-AM4379 Datasheet
2Mb / 266P
[Old version datasheet]   AM437x Sitara Processors
More results

同様の説明 - AM4379BZDNA80

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com