データシートサーチシステム |
|
ADC10664 データシート(PDF) 9 Page - National Semiconductor (TI) |
|
|
ADC10664 データシート(HTML) 9 Page - National Semiconductor (TI) |
9 / 14 page Functional Description (Continued) On the left side of the diagram is a string of seven resistors connected between V REF+ and VREF−. Six comparators com- pare the input voltage with the tap voltages on this resistor string to provide a low-resolution “estimate” of the input volt- age. This estimate is then used to control the multiplexer that connects the MSB Ladder to the sixteen comparators on the right. Note that the comparators on the left needn’t be very accurate; they simply provide an estimate of the input volt- age. Only the sixteen comparators on the right and the six on the left are necessary to perform the initial six-bit flash con- version, instead of the 64 comparators that would be re- quired using conventional half-flash methods. To perform a conversion, the estimator compares the input voltage with the tap voltages on the seven resistors on the left. The estimator decoder then determines which MSB Lad- der tap points will be connected to the sixteen comparators on the right. For example, assume that the estimator deter- mines that V IN is between 11/16 and 13/16 of VREF. The es- timator decoder will instruct the comparator MUX to connect the 16 comparators to the taps on the MSB ladder between 10/16 and 14/16 of V REF. The 16 comparators will then per- form the first flash conversion. Note that since the compara- tors are connected to ladder voltages that extend beyond the range indicated by the estimator circuit, errors in the estima- tor as large as 1/16 of the reference voltage (64 LSBs) will be corrected. This first flash conversion produces the six most significant bits of data — four bits in the flash itself, and 2 bits in the estimator. The remaining four LSBs are now determined using the same sixteen comparators that were used for the first flash conversion. The MSB Ladder tap voltage just below the input voltage (as determined by the first flash) is subtracted from the input voltage and compared with the tap points on the sixteen LSB Ladder resistors. The result of this second, four-bit flash conversion is then decoded, and the full 10-bit result is latched. Note that the sixteen comparators used in the first flash con- version are reused for the second flash. Thus, the multistep conversion technique used in the ADC10662 and ADC10664 needs only a small fraction of the number of comparators that would be required for a traditional flash converter, and far fewer than would be used in a conventional half-flash ap- proach. This allows the ADC10662 and ADC10664 to per- form high-speed conversions without excessive power drain. Applications Information 1.0 MODES OF OPERATION The ADC10662 and ADC10664 have two basic digital inter- face modes. Figure 1 and Figure 2 are timing diagrams for the two modes. The ADC10662 and ADC10664 have input multiplexers that are controlled by the logic levels on pins S 0 and S 1 when S /H goes low. Table 1 is a truth table showing how the input channnels are assigned. Mode 1 In this mode, the S /H pin controls the start of conversion. S/H is pulled low for a minimum of 150 ns. This causes the comparators in the “coarse” flash converter to become ac- tive. When S /H goes high, the result of the coarse conver- sion is latched and the “fine” conversion begins. After 360 ns (typical), INT goes low, indicating that the conversion results are latched and can be read by pulling RD low. Note that CS must be low to enable S /H or RD. CS is internally “ANDed” DS011192-12 FIGURE 3. Block Diagram of the Multistep Converter Architecture www.national.com 9 |
同様の部品番号 - ADC10664 |
|
同様の説明 - ADC10664 |