データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPT3002 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 OPT3002
部品情報  Light-to-Digital Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

OPT3002 データシート(HTML) 5 Page - Texas Instruments

  OPT3002 Datasheet HTML 1Page - Texas Instruments OPT3002 Datasheet HTML 2Page - Texas Instruments OPT3002 Datasheet HTML 3Page - Texas Instruments OPT3002 Datasheet HTML 4Page - Texas Instruments OPT3002 Datasheet HTML 5Page - Texas Instruments OPT3002 Datasheet HTML 6Page - Texas Instruments OPT3002 Datasheet HTML 7Page - Texas Instruments OPT3002 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PACKAGE OUTLINE
DNP0006A
USON - 0.65 mm max height
PLASTIC SMALL OUTLINE NO-LEAD
4221434/A 03/2014
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
4.
Optical package with clear mold compound.
www.ti.com


同様の部品番号 - OPT3002

メーカー部品番号データシート部品情報
logo
Texas Instruments
OPT3001 TI-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001 TI1-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

同様の説明 - OPT3002

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29001 INTERSIL-ISL29001 Datasheet
227Kb / 11P
   Light-to-Digital Sensor
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
   Light-to-Digital Sensor
ISL29001
ISL76683_1103 INTERSIL-ISL76683_1103 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
   ALS, Light-to-Digital Sensor
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
   ALS, Light-to-Digital Sensor
2018-Jan-23
logo
Intersil Corporation
ISL29002 INTERSIL-ISL29002 Datasheet
196Kb / 10P
   Light-to-Digital I2C Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
   ALS, Light-to-Digital Sensor
2019-Mar-20
logo
Intersil Corporation
ISL29034 INTERSIL-ISL29034_14 Datasheet
387Kb / 15P
   Integrated Digital Light Sensor
April 9, 2014
logo
Everlight Electronics C...
ALS-PDIC17-79NB-TR8 EVERLIGHT-ALS-PDIC17-79NB-TR8_15 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
   DIGITAL AMBIENT LIGHT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com