データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMP91200MTX データシート(PDF) 1 Page - Texas Instruments

部品番号 LMP91200MTX
部品情報  Configurable AFE for Low-Power Chemical-Sensing Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91200MTX データシート(HTML) 1 Page - Texas Instruments

  LMP91200MTX Datasheet HTML 1Page - Texas Instruments LMP91200MTX Datasheet HTML 2Page - Texas Instruments LMP91200MTX Datasheet HTML 3Page - Texas Instruments LMP91200MTX Datasheet HTML 4Page - Texas Instruments LMP91200MTX Datasheet HTML 5Page - Texas Instruments LMP91200MTX Datasheet HTML 6Page - Texas Instruments LMP91200MTX Datasheet HTML 7Page - Texas Instruments LMP91200MTX Datasheet HTML 8Page - Texas Instruments LMP91200MTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LMP91200
+
± pH
BUFFER
VCM
BUFFER
VDD
VDD
GND
GND
MCU
VOUT
ADC
VOCM
VREF
GND
VCMHI
NC
NC
GUARD1
GUARD2
INP
VCM
GND
pH Electrode
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMP91200
SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016
LMP91200 Configurable AFE for Low-Power Chemical-Sensing Applications
1
1 Features
1
Active Guarding
Key Specifications
Unless otherwise noted, typical values at
TA = 25°C, VS = (VDD-GND) = 3.3 V
pH Buffer Input Bias Current (0 < VINP < 3.3 V)
Maximum at 25°C: ±125 fA
Maximum at 85°C: ±445 fA
pH Buffer Input Bias Current
(–500 mV < VINP– VCM < 500 mV),
VS = (VDD – GND) = 0 V
Maximum at 25°C: ±600 fA
Maximum at 85°C: ±6.5 pA
pH Buffer Input Offset Voltage: ±200 µV
pH Buffer Input Offset Voltage Drift: ±2.5
μV/°C
Supply Current: 50
μA
Supply Voltage: 1.8 V to 5.5 V
Operating Temperature Range: –40°C to
125°C
Package: 16-Pin TSSOP
2 Applications
pH Sensor Platforms
3 Description
The LMP91200 device is a sensor AFE for use in
low-power,
analytical-sensing
applications.
The
LMP91200 is designed for 2-electrode sensors. This
device provides all of the functionality needed to
detect changes based on a delta voltage at the
sensor. Optimized for low-power applications, the
LMP91200 works over a voltage range of 1.8 V to 5.5
V. With its extremely low input bias current it is
optimized for use with pH sensors. Also, in absence
of supply voltage the very low input bias current
reduces
degradation
of
the
pH
probe
when
connected to the LMP91200. Two guard pins provide
support
for
high
parasitic
impedance
wiring.
Depending
on
the
configuration,
total
current
consumption for the device is 50 µA while measuring
pH. Available in a 16-pin TSSOP package, the
LMP91200 operates from –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMP91200
TSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


同様の部品番号 - LMP91200MTX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMP91200MTX TI1-LMP91200MTX Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
More results

同様の説明 - LMP91200MTX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
[Old version datasheet]   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
54F175DMQB TI-54F175DMQB Datasheet
1Mb / 23P
[Old version datasheet]   LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com