データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MUR120 データシート(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

部品番号 MUR120
部品情報  Super Fast Switching Speed For High Efficiency
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
ホームページ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MUR120 データシート(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MUR120 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MUR120 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MUR120 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MUR105
THRU
MUR1100
1 Amp Super Fast
Recovery Rectifier
50 to 1000 Volts
Features
High Surge Capability
Low Forward Voltage Drop
High Current Capability
Super Fast Switching Speed For High Efficiency
Maximum Ratings
Operating Temperature: -50
°C to +150°C
Storage Temperature: -50
°C to +150°C
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MUR105
50V
35V
50V
MUR110
100V
70V
100V
MUR115
150V
105V
150V
MUR120
200V
140V
200V
MUR140
400V
280V
400V
MUR160
600V
420V
600V
MUR180
800V
560V
800V
MUR1100
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
35A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
MUR105-115
MUR120-160
MUR180-1100
VF
.975V
1.35V
1.75V
IFM = 1.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
μA
50
μA
TA = 25
°C
TA = 150
°C
Maximum Reverse
Recovery Time
MUR105-120
MUR140-160
MUR180-1100
Trr
45ns
60ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
20pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
μsec, Duty Cycle 1%
DO-41
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark


同様の部品番号 - MUR120

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MUR120 MOTOROLA-MUR120 Datasheet
115Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
logo
Microdiode Electronics ...
MUR120 CHENDA-MUR120 Datasheet
499Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Shanghai Lunsure Electr...
MUR120 CHENYI-MUR120 Datasheet
50Kb / 3P
   1Amp super fast recovery rectifier 50to1000 volts
logo
Shenzhen Luguang Electr...
MUR120 LUGUANG-MUR120 Datasheet
1,006Kb / 3P
   Super Fast Rectifiers
logo
Jinan Gude Electronic D...
MUR120 JGD-MUR120 Datasheet
148Kb / 2P
   1.0 AMPS. ULTRA FAST RECTIFIERS
More results

同様の説明 - MUR120

メーカー部品番号データシート部品情報
logo
Sangdest Microelectroni...
UF4001G SMC-UF4001G Datasheet
149Kb / 5P
   Super fast switching for high efficiency
ER2K SMC-ER2K Datasheet
148Kb / 5P
   Super fast switching for high efficiency
SF31G SMC-SF31G Datasheet
180Kb / 5P
   Super fast switching for high efficiency
ER2M SMC-ER2M Datasheet
145Kb / 6P
   Super fast switching for high efficiency
SF11G SMC-SF11G Datasheet
258Kb / 5P
   Super fast switching for high efficiency
logo
DONGGUAN YOU FENG WEI E...
FR101 YFWDIODE-FR101 Datasheet
112Kb / 3P
   Fast Switching Speed For High Efficiency
UF4001 YFWDIODE-UF4001 Datasheet
93Kb / 2P
   Ultra Fast Switching Speed For High Efficiency
logo
Shanghai Leiditech Elec...
FR101 LEIDITECH-FR101 Datasheet
463Kb / 3P
   High Current Capability Fast Switching Speed For High Efficiency
logo
First Components Intern...
SF51G FCI-SF51G Datasheet
504Kb / 2P
   5.0 Amp SUPER FAST PLASTIC RECTIFIERS Fast switching for high efficiency
logo
DIOTEC Electronics Corp...
FR101 DEC-FR101 Datasheet
670Kb / 2P
   Fast switching for high efficiency
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com