データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CB3Q3125DGVR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74CB3Q3125DGVR
部品情報  Quadruple FET Bus Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q3125DGVR データシート(HTML) 4 Page - Texas Instruments

  SN74CB3Q3125DGVR Datasheet HTML 1Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 2Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 3Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 4Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3125DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SN74CB3Q3125
SCDS143C – OCTOBER 2003 – REVISED JUNE 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4.6
V
VIN
Control input voltage(2)(3)
–0.5
7
V
VI/O
Switch I/O voltage(2)(3)(4)
–0.5
7
V
II/K
Control input clamp current
VIN < 0
–50
mA
II/OK
I/O port clamp current
VI/O < 0
–50
mA
IIO
ON-state switch current(5)
±64
mA
Continuous current through VCC or GND
±100
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VI/O.
(5)
II and IO are used to denote specific conditions for II/O.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
+2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
+1000
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VCC = 2.3 V to 2.7 V
1.7
5.5
VIH
High-level control input voltage
V
VCC = 2.7 V to 3.6 V
2
5.5
VCC = 2.3 V to 2.7 V
0
0.7
VIL
Low-level control input voltage
V
VCC = 2.7 V to 3.6 V
0
0.8
VI/O
Data input and output voltage
0
5.5
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
6.4 Thermal Information
SN74CB3Q3257
DBQ
THERMAL METRIC(1)
DGV (TVSOP)
PW (TSSOP)
RGY (VQFN)
UNIT
(SSOP)
16 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
90
127
113
47
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74CB3Q3125


同様の部品番号 - SN74CB3Q3125DGVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CB3Q3125DGVR TI-SN74CB3Q3125DGVR Datasheet
306Kb / 1P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

同様の説明 - SN74CB3Q3125DGVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3126 PHILIPS-CBT3126 Datasheet
95Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
   Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
   QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com