データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74CBT3251D データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74CBT3251D
部品情報  FET Multiplexer and Demultiplexer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3251D データシート(HTML) 6 Page - Texas Instruments

Back Button SN74CBT3251D Datasheet HTML 2Page - Texas Instruments SN74CBT3251D Datasheet HTML 3Page - Texas Instruments SN74CBT3251D Datasheet HTML 4Page - Texas Instruments SN74CBT3251D Datasheet HTML 5Page - Texas Instruments SN74CBT3251D Datasheet HTML 6Page - Texas Instruments SN74CBT3251D Datasheet HTML 7Page - Texas Instruments SN74CBT3251D Datasheet HTML 8Page - Texas Instruments SN74CBT3251D Datasheet HTML 9Page - Texas Instruments SN74CBT3251D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
VOH
VOL
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500 Ω
500 Ω
tPLH
tPHL
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOH
VOL
0 V
VOL + 0.3 V
VOH − 0.3 V
0 V
Input
3 V
3.5 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR≤ 10 MHz, ZO = 50 Ω, tr ≤2.5 ns, tf ≤2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. t PZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
SN74CBT3251
SCDS019M – MAY 1995 – REVISED DECEMBER 2015
www.ti.com
7 Parameter Measurement Information
Figure 2. Load Circuit and Voltage Waveforms
6
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: SN74CBT3251


同様の部品番号 - SN74CBT3251D

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBT3251D TI-SN74CBT3251D Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT3251DB TI-SN74CBT3251DB Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT3251DBLE TI-SN74CBT3251DBLE Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT3251DBQ TI-SN74CBT3251DBQ Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT3251DBQR TI-SN74CBT3251DBQR Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - SN74CBT3251D

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBT16214 TI1-SN74CBT16214_15 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CB3Q3257 TI1-SN74CB3Q3257_15 Datasheet
1Mb / 25P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBTLV3253 TI1-SN74CBTLV3253_15 Datasheet
1Mb / 27P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBTLV3257 TI1-SN74CBTLV3257_15 Datasheet
1Mb / 28P
[Old version datasheet]   FET Multiplexer/Demultiplexer
logo
Keysight Technologies
N4983A KEYSIGHT-N4983A Datasheet
3Mb / 14P
   N4983A Multiplexer and Demultiplexer
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
   1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
   1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com