データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES2JF データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 ES2JF
部品情報  2A, 200V - 600V Surface Mount Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES2JF データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES2JF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES2JF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES2JF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES2JF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated junction chip
- Ideal for automated placement
- Low profile package
- Low power loss, high efficiency
- Halogen-free according to IEC 61249-2-21
Molding compound: UL flammability classification rating 94V-0
Moisture sensitivity level: level 1, per J-STD-020
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
SYMBOL
ES2DF
ES2GF
ES2JF
UNIT
VRRM
200
400
600
V
VRMS
140
280
420
V
VDC
200
400
600
V
IF(AV)
A
CJ
pF
trr
ns
TJ
°C
TSTG
°C
Document Number: DS_D0000114
Version: A15
Note 3: Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Taiwan Semiconductor
20
75
Operating junction temperature range
Storage temperature range
Note 1: Pulse test with PW=300μs, 1% duty cycle
- 55 to +150
- 55 to +150
10
Note 2: Measured at 1 MHz and applied VR=4.0 V
°C/W
350
35
IFSM
Typical junction capacitance (Note 2)
10
1.00
1.30
1.70
A
Maximum instantaneous forward voltage (Note 1)
@ 2 A
VF
V
Maximum reverse recovery time (Note 3)
Typical thermal resistance
RθJL
RθJA
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
Maximum repetitive peak reverse voltage
PARAMETER
IR
μA
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
2
50
Polarity:
Indicated by cathode band
Weight:
0.101g (approximately)
MAXIMUM RATINGS AND EFECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
ES2DF - ES2JF
2A, 200V - 600V Surface Mount Super Fast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAF DATA
Case:
SMBF
SMBF


同様の部品番号 - ES2JF

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ES2JF ETC2-ES2JF Datasheet
953Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
ES2JF HOTTECH-ES2JF Datasheet
167Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Electronics ...
ES2JF CHENDA-ES2JF Datasheet
1Mb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
ES2JF HORNBY-ES2JF Datasheet
279Kb / 3P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2JF YFWDIODE-ES2JF Datasheet
137Kb / 3P
   Surface Mount Superfast Recovery Rectifier
More results

同様の説明 - ES2JF

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
ES2D-T TSC-ES2D-T Datasheet
371Kb / 4P
   2A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2DA-T TSC-ES2DA-T Datasheet
543Kb / 6P
   2A, 200V - 600V Super Fast Surface Mount Rectifier
ES2DAF-T TSC-ES2DAF-T Datasheet
465Kb / 6P
   2A, 200V - 600V Super Fast Surface Mount Rectifier
ES1DFL TSC-ES1DFL Datasheet
362Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DLW TSC-ES1DLW Datasheet
202Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1LD TSC-ES1LD Datasheet
424Kb / 7P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1D-T TSC-ES1D-T Datasheet
190Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
SF2L4G TSC-SF2L4G Datasheet
352Kb / 4P
   2A, 200V - 600V Glass Passivated Super Fast Rectifiers
ESDLW TSC-ESDLW Datasheet
354Kb / 7P
   0.8A, 200V - 600V Surface Mount Super Fast Rectifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com