データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3255DDVR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3255DDVR
部品情報  600W Mono PurePath Ultra-HD Analog-Input
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3255DDVR データシート(HTML) 1 Page - Texas Instruments

  TPA3255DDVR Datasheet HTML 1Page - Texas Instruments TPA3255DDVR Datasheet HTML 2Page - Texas Instruments TPA3255DDVR Datasheet HTML 3Page - Texas Instruments TPA3255DDVR Datasheet HTML 4Page - Texas Instruments TPA3255DDVR Datasheet HTML 5Page - Texas Instruments TPA3255DDVR Datasheet HTML 6Page - Texas Instruments TPA3255DDVR Datasheet HTML 7Page - Texas Instruments TPA3255DDVR Datasheet HTML 8Page - Texas Instruments TPA3255DDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Power (W)
4R
8R
Power Supply
110VAC->240VAC
TAS5630
36V
TPA3255
Audio
Source
And Control
RIGHT
LEFT
LC
Filter
LC
Filter
/RESET
/FAULT
M1:M2
FREQ_ADJ
OSC_IO
/CLIP_OTW
Operation Mode Select
Switching Frequency Select
12V
Master/Slave Synchronization
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
TPA3255
SLASEA8 – FEBRUARY 2016
TPA3255 325-W Stereo, 600-W Mono PurePath™ Ultra-HD Analog-Input
1
1 Features
1
Differential Analog Inputs
Total Output Power at 10%THD+N
325-W Stereo into 4
Ω in BTL Configuration
185-W Stereo into 8
Ω in BTL Configuration
600-W Mono into 2
Ω in PBTL Configuration
Total Output Power at 1%THD+N
260-W Stereo into 4
Ω in BTL Configuration
150-W Stereo into 8
Ω in BTL Configuration
480-W Mono into 2
Ω in PBTL Configuration
Advanced Integrated Feedback Design with High-
speed Gate Driver Error Correction
(PurePath™ Ultra-HD)
Signal Bandwidth up to 100 kHz for High
Frequency Content From HD Sources
Ultra Low 0.005% THD+N at 1 W into 4
Ω and
<0.01% THD+N to Clipping
60 dB PSRR (BTL, No Input Signal)
<85 µV (A-Weighted) Output Noise
>111 dB (A Weighted) SNR
Multiple Configurations Possible:
Stereo, Mono, 2.1 and 4xSE
Click and Pop Free Startup and Stop
90% Efficient Class-D Operation (4
Ω)
Wide 12-V to 53.5V Supply Voltage Operation
Self-Protection Design (Including Undervoltage,
Overtemperature, Clipping, and Short Circuit
Protection) With Error Reporting
EMI Compliant When Used With Recommended
System Design
2 Applications
Blu-ray Disk™ / DVD Receivers
High End HTiB Systems
AV Receivers
High End Soundbar
Mini Combo Systems
Active Speakers and Subwoofers
3 Description
TPA3255 is a high performance class-D power
amplifier that enables true premium sound quality
with class-D efficiency. It features an advanced
integrated feedback design and proprietary high-
speed gate driver error correction (PurePath™ Ultra-
HD). This technology allows ultra low distortion
across the audio band and superior audio quality.
The device can drive up to 2 x 325 W into 4-
Ω load at
10% THD and 2 x 150 W unclipped into 8-
Ω load and
features a 2 VRMS analog input interface that works
seamlessly with high performance DACs such as TI's
PCM5242. In addition to excellent audio performance,
TPA3255 achieves both high power efficiency and
very low power stage idle losses below 3 W. This is
achieved through the use of 85 m
Ω MOSFETs and
an optimized gate driver scheme that achieves
significantly lower idle losses than typical discrete
implementations.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA3255
HTSSOP (44)
6.10mm x 14.00mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
Total Harmonic Distortion


同様の部品番号 - TPA3255DDVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3255D2 TI-TPA3255D2 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
More results

同様の説明 - TPA3255DDVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3245 TI1-TPA3245 Datasheet
449Kb / 28P
[Old version datasheet]   200W Mono PurePath Ultra-HD Analog-Input
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3251 TI1-TPA3251 Datasheet
1Mb / 39P
[Old version datasheet]   350W Mono PurePath Ultra-HD Analog-Input Class-D Amplifier
TPA3255-Q1 TI1-TPA3255-Q1_19 Datasheet
1Mb / 43P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TPA3255-Q1 TI1-TPA3255-Q1 Datasheet
979Kb / 40P
[Old version datasheet]   315-W Stereo, 600-W mono PurePath ultra-HD analog-input
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TPA3255 TI-TPA3255_V01 Datasheet
1Mb / 46P
[Old version datasheet]   TPA3255 315-W Stereo, 600-W Mono PurePath??Ultra-HD Analog-Input
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com