データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A23166YZTR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A23166YZTR
部品情報  Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23166YZTR データシート(HTML) 5 Page - Texas Instruments

  TS5A23166YZTR Datasheet HTML 1Page - Texas Instruments TS5A23166YZTR Datasheet HTML 2Page - Texas Instruments TS5A23166YZTR Datasheet HTML 3Page - Texas Instruments TS5A23166YZTR Datasheet HTML 4Page - Texas Instruments TS5A23166YZTR Datasheet HTML 5Page - Texas Instruments TS5A23166YZTR Datasheet HTML 6Page - Texas Instruments TS5A23166YZTR Datasheet HTML 7Page - Texas Instruments TS5A23166YZTR Datasheet HTML 8Page - Texas Instruments TS5A23166YZTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TS5A23166
www.ti.com
SCDS196H – MAY 2005 – REVISED MAY 2015
Electrical Characteristics: 5-V Supply (continued)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
VCOM = 1 V,
25°C
0 V
4
20
VNO = 4.5 V,
Switch OFF,
ICOM(OFF)
or
5.5 V
nA
see Figure 12
Full
–150
150
COM
VCOM = 4.5 V,
OFF leakage current
VNO = 1 V,
25°C
–10
0.2
10
VCOM = 0 to 5.5 V,
Switch OFF,
ICOM(PWROFF)
0 V
μA
VNO = 5.5 V to 0,
see Figure 12
Full
–50
50
VNO = 1 V,
25°C
–5
0.4
5
VCOM = Open,
NO
Switch ON,
INO(ON)
or
5.5 V
nA
ON leakage current
see Figure 13
Full
–50
50
VNO = 4.5 V,
VCOM = Open,
VCOM = 1 V,
25°C
–5
0.4
5
VNO = Open,
COM
Switch ON,
ICOM(ON)
or
5.5 V
nA
ON leakage current
see Figure 13
Full
–50
50
VCOM = 4.5 V,
VNO = Open,
Digital Control Inputs (IN1, IN2)(2)
VIH
Input logic high
Full
2.4
5.5
V
VIL
Input logic low
Full
0
0.8
V
25°C
–2
0.3
2
IIH, IIL
Input leakage current
VI = 5.5 V or 0
5.5 V
nA
Full
–20
20
Dynamic
VGEN = 0,
CL = 1 nF,
QC
Charge injection
25°C
5 V
6
pC
RGEN = 0,
see Figure 19
NO
VNO = V+ or GND,
CNO(OFF)
See Figure 14
25°C
5 V
19
pF
OFF capacitance
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(OFF)
See Figure 14
25°C
5 V
18
pF
OFF capacitance
Switch OFF,
NO
VNO = V+ or GND,
CNO(ON)
See Figure 14
25°C
5 V
35.5
pF
ON capacitance
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 14
25°C
5 V
35.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 14
25°C
5 V
2
pF
capacitance
RL = 50 Ω,
BW
Bandwidth
See Figure 16
25°C
5 V
150
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OISO
OFF isolation
25°C
5 V
–62
dB
f = 1 MHz,
see Figure 17
RL = 50 Ω,
Switch ON,
XTALK
Crosstalk
25°C
5 V
–85
dB
f = 1 MHz,
see Figure 18
f = 20 Hz to 20
Total harmonic
RL = 600 Ω,
0.00
THD
kHz,
25°C
5 V
distortion
CL = 50 pF,
5%
see Figure 20
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TS5A23166


同様の部品番号 - TS5A23166YZTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23166YZTR TI-TS5A23166YZTR Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

同様の説明 - TS5A23166YZTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A4595 TI1-TS5A4595_14 Datasheet
700Kb / 18P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE- CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_1 Datasheet
152Kb / 13P
[Old version datasheet]   8-R SPST ANALOG SWITCH 5-V/3.3V SINGLE-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Intersil Corporation
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com