データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS12A44515PWR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS12A44515PWR
部品情報  Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A44515PWR データシート(HTML) 1 Page - Texas Instruments

  TS12A44515PWR Datasheet HTML 1Page - Texas Instruments TS12A44515PWR Datasheet HTML 2Page - Texas Instruments TS12A44515PWR Datasheet HTML 3Page - Texas Instruments TS12A44515PWR Datasheet HTML 4Page - Texas Instruments TS12A44515PWR Datasheet HTML 5Page - Texas Instruments TS12A44515PWR Datasheet HTML 6Page - Texas Instruments TS12A44515PWR Datasheet HTML 7Page - Texas Instruments TS12A44515PWR Datasheet HTML 8Page - Texas Instruments TS12A44515PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SPST
IN1
NO1
COM1
SPST
IN2
NO2
COM2
SPST
IN3
NO3
COM3
SPST
IN4
NO4
COM4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TS12A44513, TS12A44514, TS12A44515
SCDS247B – OCTOBER 2008 – REVISED FEBRUARY 2016
TS12A4451x Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
1
1 Features
1
2-V to 12-V Single-Supply Operation
Specified ON-State Resistance:
15-
Ω Maximum With 12-V Supply
20-
Ω Maximum With 5-V Supply
50-
Ω Maximum With 3.3-V Supply
ΔRON Matching
2.5-
Ω (Max) at 12 V
3-
Ω (Max) at 5 V
3.5-
Ω (Max) at 3.3 V
Specified Low OFF-Leakage Currents:
1 nA at 25°C
10 nA at 85°C
Specified Low ON-Leakage Currents:
1 nA at 25°C
10 nA at 85°C
Low Charge Injection: 11.5 pC (12-V Supply)
Fast Switching Speed:
tON = 80 ns, tOFF = 50 ns (12-V Supply)
Break-Before-Make Operation (tON > tOFF)
TTL/CMOS-Logic Compatible With 5-V Supply
Available in 14-Pin TSSOP Package or 14-Pin
SOIC Package
2 Applications
Data Acquisition Systems
Communication Circuits
Signal Routing
Computer Peripherals
3 Description
The TS12A44513, TS12A44514, and TS12A44515
devices have four bidirectional single-pole single-
throw (SPST) single-supply CMOS analog switches.
The TS12A44513 has two normally closed (NC)
switches and two normally open (NO) switches, the
TS12A44514
has
four
NO
switches,
and
the
TS12A44515 has four NC switches.
These CMOS switches may operate continuously
with a single supply from 2 V to 12 V and can handle
rail-to-rail analog signals. The OFF-leakage current
maximum is only 1 nA at 25°C or 10 nA at 85°C.
When using a 5-V supply, all digital inputs have 0.8-V
to 2.4-V logic thresholds, ensuring TTL/CMOS-logic
compatibility.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TS12A44513,
TS12A44514,
TS12A44515
TSSOP (14)
5.00 mm x 4.4 mm
SOIC (14)
8.65 mm x 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


同様の部品番号 - TS12A44515PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS12A44515PWR TI-TS12A44515PWR Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44515PWR TI-TS12A44515PWR Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44515PWR TI1-TS12A44515PWR Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44515PWRG4 TI-TS12A44515PWRG4 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44515PWRG4 TI-TS12A44515PWRG4 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
More results

同様の説明 - TS12A44515PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI1-TS12A4516_14 Datasheet
679Kb / 18P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com