データシートサーチシステム |
|
74404031150A データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
74404031150A データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 5 page Classification Reflow Profile for SMT components: Time Tp tp tL tS Ts max Ts min TC –5°C TL 25 Time 25°C to Peak Preheat Area Max. Ramp Up Rate = 3°C/s Max. Ramp Down Rate = 6°C/s Classification Reflow Soldering Profile: Profile Feature Value Preheat Temperature Min 1) Ts min 150 °C Preheat Temperature Max Ts max 200 °C Preheat Time ts from Ts min to Ts max ts 60 - 120 seconds Ramp-up Rate (TL to TP) 3 °C/ second max. Liquidous Temperature TL 217 °C Time tL maintained above TL tL 60 - 150 seconds Peak package body temperature Tp see table Time within 5°C of actual peak temperaure t p 20 - 30 seconds Ramp-down Rate (TL to TP) 6 °C/ second max. Time 25°C to peak temperature 8 minutes max. 1) refer to IPC/JEDEC J-STD-020D Package Classification Reflow Temperature: Properties Volume mm³ <350 Volume mm³ 350-2000 Volume mm³ >2000 PB-Free Assembly | Package Thickness < 1.6 mm 1) 260 °C 260 °C 260 °C PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C 250 °C 245 °C PB-Free Assembly | Package Thickness ≥ 2.5 mm 250 °C 245 °C 245 °C 1) refer to IPC/JEDEC J-STD-020D Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com CREATED CHECKED GENERAL TOLERANCE PROJECTION METHOD WE WE DIN ISO 2768-1m DESCRIPTION WE-LQS SMD Power Inductor ORDER CODE 74404031150A SIZE REVISION STATUS DATE BUSINESS UNIT PAGE 3012 001.000 Draft 2015-12-10 3/5 This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
同様の部品番号 - 74404031150A |
|
同様の説明 - 74404031150A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |