データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4002 データシート(PDF) 2 Page - Suntan Capacitors

部品番号 1N4002
部品情報  Construction utilizes void-free molded plastic technique
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNTAN [Suntan Capacitors]
ホームページ  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

1N4002 データシート(HTML) 2 Page - Suntan Capacitors

  1N4002 Datasheet HTML 1Page - Suntan Capacitors 1N4002 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Suntan®
RATINGS AND CHARACTERISTIC CURVES 1N4001 THRU 1N4007
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
FIG. 1- FORWARD CURRENT DERATING CURVE
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENTFORWARD
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, ℃
NUMBER OF CYCLES AT 60 H
z
INSTANTANEOUS FORWARD VOLEAGE,VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
t,PULSE DURATION,sec.


同様の部品番号 - 1N4002

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
1N4002 CENTRAL-1N4002 Datasheet
72Kb / 2P
   AMP SILICON RECTIFIER
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4002 EIC-1N4002 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
More results

同様の説明 - 1N4002

メーカー部品番号データシート部品情報
logo
Kingtronics Internation...
1N4001S KINGTRONICS-1N4001S Datasheet
211Kb / 2P
   Construction utilizes void-free molded plastic technique
logo
Sangdest Microelectroni...
KBL4005 SMC-KBL4005 Datasheet
271Kb / 4P
   Reliable low cost construction utilizing molded plastic technique
logo
List of Unclassifed Man...
R317072000 ETC2-R317072000 Datasheet
56Kb / 2P
   NOTICE TECHNIQUE
R191970061 ETC2-R191970061 Datasheet
31Kb / 1P
   FICHE TECHNIQUE
R605005000 ETC2-R605005000 Datasheet
98Kb / 2P
   FICHE TECHNIQUE
BA9040 ETC2-BA9040 Datasheet
153Kb / 2P
   Monitoring technique
logo
First Components Intern...
FCR0320 FCI-FCR0320 Datasheet
136Kb / 1P
   0.3 Amp Silicon Controlled Rectifiers VOID-FREE GLASS PASSIVATED CHIPS
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
   Lead free, RoHS compliant construction available
logo
Analog Intergrations Co...
AN011 AIC-AN011 Datasheet
98Kb / 5P
   cost-effective technique
logo
Vishay Siliconix
WSCWSN VISHAY-WSCWSN Datasheet
101Kb / 3P
   All welded construction, Molded encapsulation, Wraparound terminations
Revision: 17-Feb-11
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com