データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MVTM36BF072M017A00 データシート(PDF) 2 Page - Vicor Corporation

部品番号 MVTM36BF072M017A00
部品情報  High Efficiency, Sine Amplitude Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VICOR [Vicor Corporation]
ホームページ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MVTM36BF072M017A00 データシート(HTML) 2 Page - Vicor Corporation

  MVTM36BF072M017A00 Datasheet HTML 1Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 2Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 3Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 4Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 5Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 6Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 7Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 8Page - Vicor Corporation MVTM36BF072M017A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
VTM® Current Multiplier
Rev 1.3
vicorpower.com
Page 2 of 31
07/2015
800 927.9474
MVTM36 Series
Typical Application
Using the MIL-COTs PRM, the output of the VTM is regulated over the load current range with only a single interconnect
between the PRM and VTM and without the need for isolation in the feedback path.
PRM AL
SC
OS
CD
VC
VH
+IN
–IN
+OUT
–OUT
SGND 1
SGND
GND
F
1
C
IN
V
IN
16 V to 50 V
L
F 1
C
F 1
VC
TM
PC
V
OUT
+IN
–IN
–OUT
+OUT
ISOLATION BOUNDRY
VTM
PRIMARY
SECONDARY
VTM Start Up Pulse and Temperature Feedback
VF: 26 V to 50 V
PC
PR
IL
TM
SGND
RSC
CSC
ROS
10K
RVC
R
DF
RCD
0.01µF
SEC_GND


同様の部品番号 - MVTM36BF072M017A00

メーカー部品番号データシート部品情報
logo
Vicor Corporation
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF045M027A00 VICOR-MVTM36BF045M027A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF060M020A00 VICOR-MVTM36BF060M020A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
More results

同様の説明 - MVTM36BF072M017A00

メーカー部品番号データシート部品情報
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com