データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF505-S データシート(PDF) 2 Page - LEM

部品番号 LF505-S
部品情報  Current Transducer LF 505-S
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEM [LEM]
ホームページ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF505-S データシート(HTML) 2 Page - LEM

  LF505-S Datasheet HTML 1Page - LEM LF505-S Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Secondary terminals
Pin +
: supply voltage + 15 .. 24 V
Pin M
: measure
Pin -
: supply voltage - 15 .. 24 V
Mechanical characteristics
General tolerance
± 0.5 mm
Fastening
see drawing
Primary through-hole
30.2 x 30.2 mm
Connection of secondary
MOLEX 5045-03/AG
Dimensions LF 505-S (in mm. 1 mm = 0.0394 inch)
Top view
Right view
Remarks
I
S is positive when IP flows in the direction of the arrow.
Temperature of the primary conductor should not exceed
100°C.
Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Bottom view
Back view
Connection
MOLEX 5045-03/AG


同様の部品番号 - LF505-S

メーカー部品番号データシート部品情報
logo
LEM
LF505-S LEM-LF505-S Datasheet
142Kb / 3P
   Current Transducer
LF505-S LEM-LF505-S_06 Datasheet
142Kb / 3P
   Current Transducer
More results

同様の説明 - LF505-S

メーカー部品番号データシート部品情報
logo
LEM
LT505-S LEM-LT505-S Datasheet
66Kb / 2P
   Current Transducer LT 505-S
LF205-S LEM-LF205-S Datasheet
61Kb / 2P
   CURRENT TRANSDUCER LF 205-S
LF1005-S LEM-LF1005-S Datasheet
43Kb / 2P
   Current Transducer LF 1005-S
LF-510-S LEM-LF-510-S Datasheet
1Mb / 7P
   Current transducer LF 510-S
LF2005-S LEM-LF2005-S Datasheet
70Kb / 2P
   Current Transducer LF 2005-S
LF305-S LEM-LF305-S Datasheet
130Kb / 2P
   Current Transducer LF 305-S
LF205-P LEM-LF205-P Datasheet
48Kb / 2P
   Current Transducer LF 205-P
LF205P LEM-LF205P Datasheet
73Kb / 2P
   Current Transducer LF 205-P/SP1
HAR1000-S LEM-HAR1000-S Datasheet
270Kb / 2P
   Current Transducer HAR 1000-S
LT4000-S LEM-LT4000-S Datasheet
79Kb / 2P
   Current Transducer LT 4000-S
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com