データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5380B データシート(PDF) 2 Page - Nanjing International Group Co

部品番号 1N5380B
部品情報  5 W Glass Passivated Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DGNJDZ [Nanjing International Group Co]
ホームページ  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

1N5380B データシート(HTML) 2 Page - Nanjing International Group Co

  1N5380B Datasheet HTML 1Page - Nanjing International Group Co 1N5380B Datasheet HTML 2Page - Nanjing International Group Co 1N5380B Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N53...B
Type
(V)
Nominal (1)
Zener
Voltage
V
Z at IZT
(mA)
(V)
Test
Current
I
ZT
Max. Surge
Current
8.3 ms.
I
ZS
Maximum
Regulator
Current
I
ZM
(
Ω)
Maximum Zener Impedance
Z
ZT at IZT
Z
ZK at IZK
I
ZK
Max Voltage
Regulation
V
Z Volts
(2)
I
R
(mA)
(µA)
(V)
(A)
(mA)
(1) Tested with pulses. Pulse test: tp
≤ 50 ms; < 2%.
(2) Test conditions for voltage regulation are as follows. V
Z measurements are made at 10% and then at 50%
of the IZ max value listed in the electrical characteristics table.
Maximum Reverse
Leakage Current
(
Ω)
1N5344B
1N5345B
1N5346B
1N5347B
1N5348B
1N5349B
1N5350B
1N5351B
1N5352B
1N5353B
1N5354B
1N5355B
1N5356B
1N5357B
1N5358B
1N5359B
1N5360B
1N5361B
1N5362B
1N5363B
1N5364B
1N5365B
1N5366B
1N5367B
1N5368B
1N5369B
1N5370B
1N5371B
1N5372B
1N5373B
1N5374B
1N5375B
1N5376B
1N5377B
1N5378B
1N5379B
1N5380B
1N5381B
1N5382B
1N5383B
1N5384B
1N5385B
1N5386B
1N5387B
1N5388B
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
56
60
62
68
75
82
87
91
100
110
120
130
140
150
160
170
180
190
200
150
150
150
125
125
100
100
100
75
75
70
65
65
65
50
50
50
50
50
40
40
30
30
30
25
25
20
20
20
20
20
15
15
15
12
12
10
10
8
8
8
8
5
5
5
1.5
2.0
2.0
2.0
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
3.0
3.0
3.5
3.5
4.0
5.0
6.0
8.0
10.0
11.0
14.0
20.0
25.0
27.0
35.0
40.0
42.0
44.0
45.0
65.0
75.0
75.0
90.0
125.0
170.0
190.0
230.0
330.0
350.0
380.0
430.0
450.0
480.0
200
200
150
125
125
125
100
75
75
75
75
75
75
75
75
100
110
120
130
140
150
160
170
190
210
230
280
350
400
500
620
720
760
760
800
1000
1150
1250
1500
1500
1650
1750
1750
1850
1850
10.0
10.0
7.5
5.0
5.0
2.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.2
0.2
0.22
0.22
0.25
0.25
0.25
0.25
0.25
0.3
0.35
0.4
0.4
0.4
0.45
0.55
0.55
0.6
0.6
0.6
0.6
0.65
0.65
0.7
0.8
0.9
1
1.2
1.35
1.5
1.6
1.8
2
2.2
2.5
2.5
2.5
2.5
2.5
3
3
3
4
5
5
6.2
6.6
6.9
7.6
8.4
9.1
9.9
10.6
11.5
12.2
12.9
13.7
14.4
15.2
16.7
18.2
19.0
20.6
21.2
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
45.5
47.1
51.7
56.0
62.2
66.0
69.2
76.0
83.6
91.2
98.8
106.0
114.0
122.0
129.0
137.0
144.0
152.0
10
9.5
9.2
8.6
8.0
7.5
7.0
6.7
6.3
6.0
5.8
5.5
5.3
5.1
4.7
4.4
4.3
4.1
3.9
3.7
3.5
3.3
3.1
2.8
2.7
2.5
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.2
1.1
1.1
1.0
1.0
0.9
0.9
580
545
520
475
430
395
365
340
315
295
280
264
250
237
216
198
190
176
170
158
144
132
122
110
100
93
86
79
76
70
63
58
54.5
52.5
47.5
43
39.5
36.5
34
31.6
29.4
28
26.4
25
23.6
V
R
@
1N5343B
7.5
175
1.5
200
10
5.7
10.7
630
0.15
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1


同様の部品番号 - 1N5380B

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N5380B MOTOROLA-1N5380B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5380B NJSEMI-1N5380B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Semikron International
1N5380B SEMIKRON-1N5380B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Insel Rectifier India P...
1N5380B IRI-1N5380B Datasheet
204Kb / 3P
   ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5380B NJSEMI-1N5380B Datasheet
168Kb / 1P
   DIODE
More results

同様の説明 - 1N5380B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ZY6V2GP ETC-ZY6V2GP Datasheet
65Kb / 4P
   2 W Glass Passivated Zener Diode
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
Micro Commercial Compon...
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
MIC GROUP RECTIFIERS
MZ1.0GM3V9-100 MIC-MZ1.0GM3V9-100 Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com