データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U030-06N-HUB データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 U030-06N-HUB
部品情報  USB 2.0 Hi-Speed Port Liberator (USB A to 5-Pin Mini B) Adapter Cable with 500mA Charging port, 6-in.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U030-06N-HUB データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U030-06N-HUB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U030-06N-HUB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 2.0 Hi-Speed Port Liberator (USB A to 5-Pin
Mini B) Adapter Cable with 500mA Charging port,
6-in.
MODEL NUMBER: U030-06N-HUB
Description
Tripp Lite's 6 in. USB 2.0 port liberator allows connection of a cell/smartphone to your notebook/laptop computer for charging and syncing while creating a
second port for other peripheral connections, such as a printer, external mouse, etc. Plug the U030-06N-HUB into your notebook's USB port and your 5-pin,
Mini-B phone port into the Mini-B Male pigtail cable. A second female "A" port is now created for attaching other USB peripherals, such as a printer, USB
external mouse, etc. ( note: will not charge iPad or other tablets and devices that require 2.5 Amps or higher ).
Features
6 in. USB A Male to 5-pin Mini-B Male, with female "A" hub port
Allows charging/syncing of cell / smartphones
480mbps data pass-through
500mA on charging port
Specifications
OUTPUT
Ouput Amp Capacity
0.5
PHYSICAL
Color
Gray; White
CONNECTIONS
Connector A
USB A (MALE)
Connector B
USB MINI-B 5-PIN (MALE)
Highlights
6 in. USB 2.0 A to Mini-B, with
1-port hub
480Mbps speed
Plug-and-Play
System Requirements
Computer with USB 2.0 port
Package Includes
USB 2.0 Port Liberator Cable - 5
pin mini-B With Built-in Charging
Hub - 6in
1 / 2


同様の部品番号 - U030-06N-HUB

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
U030-003 TRIPPLITE-U030-003 Datasheet
156Kb / 2P
   USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B, M/M), 3-ft.
U030-003-COIL TRIPPLITE-U030-003-COIL Datasheet
159Kb / 2P
   USB 2.0 A to Mini-B Coiled Cable (M/M), 3 ft.
U030-006 TRIPPLITE-U030-006 Datasheet
156Kb / 2P
   USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B M/M), 6-ft.
U030-006-COIL TRIPPLITE-U030-006-COIL Datasheet
165Kb / 2P
   USB 2.0 A to Mini-B Coiled Cable (M/M), 6 ft.
More results

同様の説明 - U030-06N-HUB

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
U03006NHUB TRIPPLITE-U03006NHUB Datasheet
474Kb / 2P
   USB 2.0 Hi-Speed Port Liberator (USB A to 5-Pin Mini B)
U024-06N-HUB TRIPPLITE-U024-06N-HUB Datasheet
482Kb / 2P
   USB 2.0 Hi-Speed Port Liberator cable - A/A Extension cable with 500mA Charging port, 6-in.
U02406NHUB TRIPPLITE-U02406NHUB Datasheet
469Kb / 2P
   USB 2.0 Hi-Speed Port Liberator cable - A-A Extension cable with 500mA Charging port, 6-in
U040-006-MINI TRIPPLITE-U040-006-MINI Datasheet
494Kb / 2P
   USB 2.0 Hi-Speed Cable, USB 5-Pin Mini-B Male to USB Type-C (USB-C) Male, 6-ft.
U040-06N-MIC-F TRIPPLITE-U040-06N-MIC-F Datasheet
499Kb / 2P
   USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
logo
List of Unclassifed Man...
U222-004-R ETC2-U222-004-R Datasheet
496Kb / 3P
   4-Port USB 2.0 Hi-Speed Ultra-Mini Hub with power adapter
logo
Tripp Lite. All Rights ...
U028006 TRIPPLITE-U028006 Datasheet
480Kb / 2P
   USB 2.0 Hi-Speed A to Mini-B Cable (A to 4Pin Mini-B, M-M), 6-ft
U029-006 TRIPPLITE-U029-006 Datasheet
491Kb / 4P
   USB 2.0 Hi-Speed A to Mini-B Cable (A to 4PinRound Mini-B M/M) 6-ft.
U030006 TRIPPLITE-U030006 Datasheet
475Kb / 2P
   USB 2.0 Hi-Speed A to Mini-B Cable (A to 5Pin Mini-B M-M), 6-ft
U222004R TRIPPLITE-U222004R Datasheet
490Kb / 2P
   4-Port USB 2.0 Hi-Speed Ultra-Mini Compact Hub with Power Adapter
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com