データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC1282AIPW データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC1282AIPW
部品情報  Low Distortion Digital-to-Analog Converter for Seismic
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1282AIPW データシート(HTML) 5 Page - Texas Instruments

  DAC1282AIPW Datasheet HTML 1Page - Texas Instruments DAC1282AIPW Datasheet HTML 2Page - Texas Instruments DAC1282AIPW Datasheet HTML 3Page - Texas Instruments DAC1282AIPW Datasheet HTML 4Page - Texas Instruments DAC1282AIPW Datasheet HTML 5Page - Texas Instruments DAC1282AIPW Datasheet HTML 6Page - Texas Instruments DAC1282AIPW Datasheet HTML 7Page - Texas Instruments DAC1282AIPW Datasheet HTML 8Page - Texas Instruments DAC1282AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
DAC1282, DAC1282A
www.ti.com
SBAS490B – DECEMBER 2011 – REVISED MAY 2015
7.4 Electrical Characteristics
Minimum and maximum specifications are at TA = –40°C to +85°C. Typical specifications are at TA = +25°C, AVDD = +2.5 V,
AVSS = –2.5 V, fCLK = 4.096 MHz, VREF = 5 V, and DVDD = 3.3 V (unless otherwise noted). Refer to Figure 50. DAC1282A
supports gains = 1/1, 1/4, and 1/16 only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT (VOUTP, VOUTN)
Full-scale output voltage(1)
Gain = 1/1 to 1/64
±VREF /2 × gain
V
Output common-mode voltage(2)
–0.1
V
Differential output impedance
1.6
CLOAD
Capacitive load
2
nF
RLOAD
Resistive load
100
Ω
Output current limit(3)
±60
mA
TA = +25°C
2
High-Z output leakage
nA
TA = +85°C
50
DC PERFORMANCE (Excluding Pulse Mode)
Gain error
Gain = 1/1
±0.1%
±0.75%
Gain match
Relative to gain = 1/1
±0.05%
±0.5%
Gain drift
2
ppm/°C
±(75/gain) +
ppm
Offset
Gain = 1/1 to 1/64
±(7/gain) + 50
300
FSR(4)
ppm
Offset drift
1.5
FSR/°C
AC PERFORMANCE
Gain = 1/1
–125
–118
dB
Gain = 1/2, 1/4, 1/8
–125
dB
DAC1282
Gain = 1/16
–123
dB
THD
Total harmonic distortion(5)
Gain = 1/32
–115
dB
Gain = 1/64
–111
dB
Gain = 1/1
–118
–106
dB
DAC1282A
Gain = 1/4, 1/16
–118
dB
Gain = 1/1
116
120
dB
Gain = 1/2
119
dB
Gain = 1/4
117
dB
SNR
Signal-to-noise ratio(6)
Gain = 1/8
114
dB
Gain = 1/16
110
dB
Gain = 1/32
106
dB
Gain = 1/64
100
dB
Output frequency
0.4883
250
Hz
Digital gain
0.5-dB steps
Full mute
0
dB
AVDD, AVSS
85
dB
PSR
Power-supply rejection
60-Hz ac, gain = 1/8
DVDD
120
dB
(1)
Full-scale differential output voltage: VOUT = (VOUTP – VOUTN) = ±VREF/2 × Gain. Gain is the DAC analog gain.
(2)
Output common-mode voltage scales with analog supply voltage: VCOM = 0.48 × (AVDD – AVSS) + AVSS.
(3)
Sink or source current limit of VOUTP and VOUTN.
(4)
FSR – full-scale range = VREF × gain.
(5)
THD = total harmonic distortion. THD is measured by the ADS1282, and is the sum of first nine harmonics using complementing gain.
fOUT = 31.25 Hz, VOUT – 0.5 dBFS, no load.
(6)
SNR = signal-to-noise ratio. SNR is measured by the ADS1282 over a 413-Hz bandwidth using complementing gain. fOUT = 31.25 Hz
and VOUT – 0.5 dBFS.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC1282


同様の部品番号 - DAC1282AIPW

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC1282 TI1-DAC1282 Datasheet
1Mb / 43P
[Old version datasheet]   LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
DAC1282IPW TI1-DAC1282IPW Datasheet
1Mb / 43P
[Old version datasheet]   LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
DAC1282IPWR TI1-DAC1282IPWR Datasheet
1Mb / 43P
[Old version datasheet]   LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
More results

同様の説明 - DAC1282AIPW

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC1282 TI1-DAC1282 Datasheet
1Mb / 43P
[Old version datasheet]   LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
DAC1280 TI1-DAC1280_15 Datasheet
773Kb / 24P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic Monitoring
DAC1280 TI-DAC1280 Datasheet
618Kb / 24P
[Old version datasheet]   Very Low Distortion Digital-to-Analog Converter for Seismic Applications
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
   Low Noise Digital to Analog Converter
logo
Analog Devices
ADC1121 AD-ADC1121 Datasheet
2Mb / 6P
   Low Power Analog to Digital Converter
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com