データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC128S085CISQX データシート(PDF) 9 Page - Texas Instruments

部品番号 DAC128S085CISQX
部品情報  12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC128S085CISQX データシート(HTML) 9 Page - Texas Instruments

Back Button DAC128S085CISQX Datasheet HTML 5Page - Texas Instruments DAC128S085CISQX Datasheet HTML 6Page - Texas Instruments DAC128S085CISQX Datasheet HTML 7Page - Texas Instruments DAC128S085CISQX Datasheet HTML 8Page - Texas Instruments DAC128S085CISQX Datasheet HTML 9Page - Texas Instruments DAC128S085CISQX Datasheet HTML 10Page - Texas Instruments DAC128S085CISQX Datasheet HTML 11Page - Texas Instruments DAC128S085CISQX Datasheet HTML 12Page - Texas Instruments DAC128S085CISQX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DAC128S085
www.ti.com
SNAS407H – AUGUST 2007 – REVISED APRIL 2015
Electrical Characteristics (continued)
The following specifications apply for VA = 2.7 V to 5.5 V, VREF1 = VREF2 = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input
code range 48 to 4047. All limits are at TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
VA = 2.7 V to
0.6
3.6 V
µW
TMIN ≤ TA
fSCLK = 30 MHz,
5.4
TMAX
SYNC = VA and
DIN = 0V after PD
VA = 4.5V to
2.5
mode loaded
5.5V
µW
TMIN ≤ TA
16.5
Total Power Consumption in
TMAX
PPD
all PD Modes,
VA = 2.7 V to
(2)
0.3
3.6 V
µW
TMIN ≤ TA
fSCLK = 0, SYNC =
3.6
TMAX
VA and DIN = 0V
after PD mode
VA = 4.5 V to
1
loaded
5.5 V
µW
TMIN ≤ TA
11
TMAX
7.6 AC and Timing Characteristics
The following specifications apply for VA = 2.7 V to 5.5 V, VREF1,2 = VA, CL = 200 pF to GND, fSCLK = 30 MHz, input code range
48 to 4047. All limits are at TA = 25°C, unless otherwise specified.
MIN(1)
NOM
MAX(1)
UNIT
40
fSCLK
SCLK Frequency
MHz
TMIN ≤ TA ≤ TMAX
30
400h to C00h code change
6
Output Voltage Settling Time
RL = 2 kΩ, CL = 200 pF
ts
µs
(2)
TMIN ≤ TA ≤ TMAX
8.5
SR
Output Slew Rate
1
V/µs
GI
Glitch Impulse
Code change from 800h to 7FFh
40
nV-sec
DF
Digital Feedthrough
0.5
nV-sec
DC
Digital Crosstalk
0.5
nV-sec
CROSS DAC-to-DAC Crosstalk
1
nV-sec
MBW
Multiplying Bandwidth
VREF1,2 = 2.5 V ± 2 Vpp
360
kHz
Total Harmonic Distortion Plus
VREF1,2 = 2.5 V ± 0.5 Vpp
THD+N
−80
dB
Noise
100 Hz < fIN < 20 kHz
ONSD
Output Noise Spectral Density
DAC Code = 800 h, 10 kHz
40
nV/sqrt (Hz)
ON
Output Noise
BW = 30 kHz
14
µV
VA = 3 V
3
µsec
tWU
Wake-Up Time
VA = 5 V
20
µsec
25
1/fSCLK
SCLK Cycle Time. See Figure 1
ns
TMIN ≤ TA ≤ TMAX
33
7
tCH
SCLK High time. See Figure 1
ns
TMIN ≤ TA ≤ TMAX
10
7
tCL
SCLK Low Time. See Figure 1
ns
TMIN ≤ TA ≤ TMAX
10
3
1 / fSCLK - 3
SYNC Set-up Time prior to
tSS
ns
SCLK Falling Edge. See Figure 1 T
MIN ≤ TA ≤ TMAX
10
(1)
Test limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(2)
This parameter is ensured by design and/or characterization and is not tested in production.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC128S085


同様の部品番号 - DAC128S085CISQX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DAC128S085CISQX NSC-DAC128S085CISQX Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results

同様の説明 - DAC128S085CISQX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
   10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
   8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
[Old version datasheet]   DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 TI1-DAC088S085_16 Datasheet
1Mb / 41P
[Old version datasheet]   DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com