データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC7311IDCKTG4 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC7311IDCKTG4
部品情報  12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7311IDCKTG4 データシート(HTML) 10 Page - Texas Instruments

Back Button DAC7311IDCKTG4 Datasheet HTML 6Page - Texas Instruments DAC7311IDCKTG4 Datasheet HTML 7Page - Texas Instruments DAC7311IDCKTG4 Datasheet HTML 8Page - Texas Instruments DAC7311IDCKTG4 Datasheet HTML 9Page - Texas Instruments DAC7311IDCKTG4 Datasheet HTML 10Page - Texas Instruments DAC7311IDCKTG4 Datasheet HTML 11Page - Texas Instruments DAC7311IDCKTG4 Datasheet HTML 12Page - Texas Instruments DAC7311IDCKTG4 Datasheet HTML 13Page - Texas Instruments DAC7311IDCKTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
140
130
120
110
100
125
-
40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
=5V
DD
1.6
1.2
0.8
0.4
0
125
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
DD =5V
120
100
80
60
4096
512
1024
1536
2048
2560
3072
3584
0
DigitalInputCode
AV
=5.5V
DD
2000
1500
1000
500
0
5.0
4.0
3.0
2.0
1.0
0
4.5
3.5
2.5
1.5
0.5
V
(V)
LOGIC
SYNCInput(allotherdigitalinputs=GND)
Sweepfrom
0Vto5.5V
Sweepfrom
5.5Vto0V
5.5
5.0
4.5
4.0
3.5
3.0
2.5
10
8
6
4
2
0
I
(mA)
SOURCE
AV
=5V
DD
DACLoadedwithFFFh
0.6
0.4
0.2
0
10
8
6
4
2
0
I
(mA)
SINK
AV
=5V
DD
DACLoadedwith000h
DAC5311, DAC6311, DAC7311
SBAS442C – AUGUST 2008 – REVISED JULY 2015
www.ti.com
Typical Characteristics: AVDD = 5 V (continued)
at TA = 25°C, AVDD = 5 V, and DAC loaded with midscale code (unless otherwise noted)
Figure 14. Source Current at Positive Rail
Figure 15. Sink Current at Negative Rail
Figure 17. Power-Supply Current vs Logic Input Voltage
Figure 16. Power-Supply Current vs Digital Input Code
Figure 18. Power-Supply Current vs Temperature
Figure 19. Power-Down Current vs Temperature
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: DAC5311 DAC6311 DAC7311


同様の部品番号 - DAC7311IDCKTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7311IDCKTG4 TI1-DAC7311IDCKTG4 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

同様の説明 - DAC7311IDCKTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI1-DAC8311 Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com