データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS10KL80 データシート(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS10KL80
部品情報  10A, 600V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS10KL80 データシート(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS10KL80 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS10KL80 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS10KL80 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS10KL80 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CREAT BY ART
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_D1402001
Version: E15
TS10KL60 - TS10KL100
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


同様の部品番号 - TS10KL80

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS10KL80 TSC-TS10KL80 Datasheet
232Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifiers
TS10KL80 TSC-TS10KL80 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
More results

同様の説明 - TS10KL80

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
   10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
D10JB05 SECOS-D10JB05 Datasheet
182Kb / 2P
   50V ~ 1000V, 10A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
MBS6-K TSC-MBS6-K Datasheet
208Kb / 4P
   0.8A, 600V - 1000V Glass Passivated Bridge Rectifiers
ABS15J TSC-ABS15J_15 Datasheet
244Kb / 4P
   1.5A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS50P05G TSC-TS50P05G_16 Datasheet
210Kb / 4P
   50A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS35P05G TSC-TS35P05G_16 Datasheet
207Kb / 4P
   35A, 600V - 1000V Glass Passivated Bridge Rectifiers
MBS6-T TSC-MBS6-T Datasheet
208Kb / 4P
   0.8A, 600V - 1000V Glass Passivated Bridge Rectifiers
TS40P05G TSC-TS40P05G_16 Datasheet
224Kb / 4P
   40A, 600V - 1000V Glass Passivated Bridge Rectifiers
logo
Chip Integration Techno...
GBU10005 CITC-GBU10005 Datasheet
91Kb / 3P
   10A Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com