データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ-3536 データシート(PDF) 1 Page - CUI INC

部品番号 MJ-3536
部品情報  3.5MM AUDIO JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

MJ-3536 データシート(HTML) 1 Page - CUI INC

  MJ-3536 Datasheet HTML 1Page - CUI INC MJ-3536 Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date 01/27/2012
page 1 of 2
cui.com
MODEL: MJ-3536
│ DESCRIPTION: 3.5MM AUDIO JACK
FEATURES
• isolated ground pin
• internal tip switch
RoHS
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance
between terminal and mating plug
between terminal in a closed circuit1
50
30
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
at 50/60Hz for 1 minute
500
Vac
insertion/withdrawl force
0.3
3
kg
terminal strength
any direction for 10 seconds
500
g
operating temperature
-25
85
°C
life
5,000
cycles
Notes:
1. When measured at a current of less than 100 mA / 1 kHz
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
dipped in solder pot for 5±0.5 seconds at
255
260
265
°C
For more information, please visit the product page.


同様の部品番号 - MJ-3536

メーカー部品番号データシート部品情報
logo
CUI Devices
MJ-3536 CUID-MJ-3536 Datasheet
463Kb / 3P
   AUDIO JACK
03/06/2023
logo
CUI INC
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
   3.5mm AUDIO JACK - MONO
logo
CUI Devices
MJ-3536N CUID-MJ-3536N Datasheet
447Kb / 3P
   AUDIO JACK
04/11/2023
logo
CUI INC
MJ-3536NG CUI-MJ-3536NG Datasheet
121Kb / 3P
   MID MOUNT POWER JACK
logo
CUI Devices
MJ-3536NG CUID-MJ-3536NG Datasheet
340Kb / 3P
   AUDIO JACK
02/22/2023
More results

同様の説明 - MJ-3536

メーカー部品番号データシート部品情報
logo
CUI INC
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
   3.5mm AUDIO JACK-STEREO
SJ-3525NG CUI-SJ-3525NG Datasheet
38Kb / 1P
   3.5mm AUDIO JACK-STEREO
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
   3.5mm AUDIO JACK - MONO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
   3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
   3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
   3.5MM AUDIO JACK STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
   3.5mm AUDIO JACK-STEREO
SJ-3553NG CUI-SJ-3553NG Datasheet
36Kb / 1P
   3.5mm AUDIO JACK-STEREO
SJ-3525N CUI-SJ-3525N Datasheet
38Kb / 1P
   3.5mm AUDIO JACK-STEREO
SJ-3543N CUI-SJ-3543N Datasheet
32Kb / 1P
   3.5mm AUDIO JACK-STEREO
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com