データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9368 データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 9368
部品情報  300V Power-Limited Tray Cables ??Overview
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

9368 データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 9368 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9368 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IN D U STRIAL
A U T OMA TION
&
PR OCE S S
CO NTR O L
C ABLES
18.51
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
UL Instrumentation Cable
300V Power-Limited Tray Cables
Industrial Grade Sunlight- and Oil-Resistant Jackets
Standard
Lengths
Ft.
Color
Code
mm
Jacket
Thickness
Inch
mm
Nominal
OD
Lbs.
N
Maximum
Pull Tension
Inch
Part
No.
Description
Minimum
Bend Radius
m
Standard
Unit Weight
No.
of
Pairs/
Triads
Lbs.
kg
Inch
mm
14 AWG Pairs Stranded (42x30) Tinned Copper Conductors • Twisted Pairs
Unshielded • PVC Insulation • Chrome PVC Jacket
9411
1
E2
U-500
U-152.4
28.0
12.7
.042
1.07
.322
8.18
124
552
3.25
82.55
1000
304.8
60.0
27.3
Overall Beldfoil® Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9314
1
E2
U-500
U-152.4
32.5
14.7
.042
1.07
.324
8.23
140
623
3.25
82.55
1000
304.8
66.0
29.9
14 AWG Triads Stranded (42x30) Tinned Copper Conductors • Twisted Triads
Unshielded • PVC Insulation • Chrome PVC Jacket
9495
1
E1
500
152.4
43.5
19.7
.042
1.07
.340
8.64
186
827
3.50
88.90
1000
304.8
86.0
39.0
Overall Beldfoil Shield (100% Coverage) • PVC Insulation • Chrome PVC Jacket
9367
1
E1
500
152.4
43.5
19.7
.042
1.07
.343
8.71
188
836
3.50
88.90
1000
304.8
88.0
40.0
E1, E2 = Refer to Technical Information section for color code.
Alternate color coding available upon request.
Rip Cord
Rip Cord
Rip Cord
Rip Cord
Drain Wire
Drain Wire
NEC: PLTC, ITC, CL3R
CEC: FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CL3R
CEC: FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CL3R
CEC: FT4
IEEE 1202/383
ICEA T-29-520
NEC: PLTC, ITC, CL3R
CEC: FT4
IEEE 1202/383
ICEA T-29-520


同様の部品番号 - 9368

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
9368 FAIRCHILD-9368 Datasheet
71Kb / 6P
   7-Segment Decoder/Driver/Latch with Constant Current Source Outputs
logo
Belden Inc.
9368 BELDEN-9368 Datasheet
254Kb / 2P
   High Perform Instr, 2 Pr #18 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC-ER
logo
Molex Electronics Ltd.
936803 MOLEX5-936803 Datasheet
431Kb / 3P
   3.81mm (.150") Pitch Beau??EuroMate??Pluggable PCB Terminal Block, Dual Level, 90째 Wire Entry, with Retention Screws, 3 Circuits
936803 MOLEX11-936803 Datasheet
48Kb / 2P
   3.81mm Pitch Beau EuroMate Pluggable PCB Terminal Block
936804 MOLEX5-936804 Datasheet
431Kb / 3P
   3.81mm (.150") Pitch Beau??EuroMate??Pluggable PCB Terminal Block, Dual Level, 90째 Wire Entry, with Retention Screws, 4 Circuits
More results

同様の説明 - 9368

メーカー部品番号データシート部品情報
logo
Belden Inc.
9554 BELDEN-9554 Datasheet
112Kb / 3P
   9554 Multi-Conductor - 300V Power-Limited Tray Cable
logo
SAB North America
XLPE-TR SAB-XLPE-TR Datasheet
271Kb / 1P
   Tray & VFD Cables
VFD-XLPE-TR-LEAN SAB-VFD-XLPE-TR-LEAN Datasheet
202Kb / 1P
   Tray & VFD Cables
DC3332201TP SAB-DC3332201TP Datasheet
296Kb / 1P
   Tray & VFD Cables
XLPE SAB-XLPE Datasheet
207Kb / 1P
   Tray & VFD Cables
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Roithner LaserTechnik G...
QL86T4HD ROITHNER-QL86T4HD Datasheet
220Kb / 3P
   OVERVIEW
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
   OVERVIEW
QL85J6S-A-L ROITHNER-QL85J6S-A-L Datasheet
141Kb / 3P
   OVERVIEW
QL68I6S-A ROITHNER-QL68I6S-A Datasheet
250Kb / 3P
   OVERVIEW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com