データシートサーチシステム |
|
SDI12-UD データシート(PDF) 3 Page - CUI INC |
|
SDI12-UD データシート(HTML) 3 Page - CUI INC |
3 / 6 page cui.com date 05/18/2016 │ page 3 of 6 CUI Inc │ SERIES: SDI12-UD │ DESCRIPTION: AC-DC POWER SUPPLY DC CORD MECHANICAL parameter conditions/description min typ max units dimensions 75 x 48 x 30 mm inletplug IEC320/C8 weight without ac cord 110 g MECHANICAL DRAWING units: mm tolerance: ±0.5 mm units: mm MODEL NO. CABLE CORD LENGTH SDI12-5-UD UL2468 1,500 mm ±30 SDI12-5.9-UD UL2468 1,500 mm ±30 SDI12-9-UD UL2468 1,500 mm ±30 SDI12-12-UD UL2468 1,500 mm ±30 SDI12-15-UD UL2468 1,500 mm ±30 SDI12-18-UD UL2468 1,500 mm ±30 SDI12-24-UD UL2468 1,500 mm ±30 cord length Table 1 For more information, please visit the product page | For information on related products, view Dc Power Jacks |
同様の部品番号 - SDI12-UD |
|
同様の説明 - SDI12-UD |