データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV3225 データシート(PDF) 11 Page - Analog Devices

部品番号 ADV3225
部品情報  750 MHz, 16 x 8 Analog Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV3225 データシート(HTML) 11 Page - Analog Devices

Back Button ADV3225 Datasheet HTML 7Page - Analog Devices ADV3225 Datasheet HTML 8Page - Analog Devices ADV3225 Datasheet HTML 9Page - Analog Devices ADV3225 Datasheet HTML 10Page - Analog Devices ADV3225 Datasheet HTML 11Page - Analog Devices ADV3225 Datasheet HTML 12Page - Analog Devices ADV3225 Datasheet HTML 13Page - Analog Devices ADV3225 Datasheet HTML 14Page - Analog Devices ADV3225 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADV3224/ADV3225
Rev. B | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±5 V, TA = 25°C, RL = 150 Ω, unless otherwise noted. TMIN to TMAX = −40°C to +85°C.
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
1
10
100
1000
10000
FREQUENCY (MHz)
VOUT = 200mV p-p
OUTPUT SIGNAL, UNICAST
OUTPUT SIGNAL, BROADCAST
Figure 7. ADV3224 Small Signal Frequency Response
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
1
10
100
1000
10000
FREQUENCY (MHz)
VOUT = 2V p-p
OUTPUT SIGNAL, UNICAST
OUTPUT SIGNAL, BROADCAST
Figure 8. ADV3224 Large Signal Frequency Response
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
1
10
100
1000
10000
FREQUENCY (MHz)
VOUT = 200mV p-p
10.4pF
2.2pF
5.2pF
1.2pF
0pF
Figure 9. ADV3224 Small Signal Frequency Response with Capacitive Loads
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
VOUT = 200mV p-p
OUTPUT SIGNAL, UNICAST
OUTPUT SIGNAL, BROADCAST
Figure 10. ADV3225 Small Signal Frequency Response
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
FREQUENCY (MHz)
VOUT = 2V p-p
OUTPUT SIGNAL, UNICAST
OUTPUT SIGNAL, BROADCAST
Figure 11. ADV3225 Large Signal Frequency Response
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1
10
100
1000
10000
FREQUENCY (MHz)
VOUT = 200mV p-p
10.4pF
2.2pF
5.2pF
1.2pF
0pF
Figure 12. ADV3225 Small Signal Frequency Response with Capacitive Loads


同様の部品番号 - ADV3225

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV3220 AD-ADV3220 Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220-EVALZ AD-ADV3220-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 20P
   800 MHz, 2:1 Analog Multiplexers
REV. 0
ADV3220ACPZ AD-ADV3220ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

同様の説明 - ADV3225

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com