データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1260ACPZ-RL7 データシート(PDF) 7 Page - Analog Devices

部品番号 ADM1260ACPZ-RL7
部品情報  Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1260ACPZ-RL7 データシート(HTML) 7 Page - Analog Devices

Back Button ADM1260ACPZ-RL7 Datasheet HTML 3Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 4Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 5Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 6Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 7Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 8Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 9Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 10Page - Analog Devices ADM1260ACPZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
Data Sheet
ADM1260
Rev. 0 | Page 7 of 71
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Standard (Digital Output) Mode
(PDO1 to PDO10)
VOH
2.4
V
Pull-up resistor to VDDCAP or VPx (VPU) = 2.7 V, IOH = 0.5 mA
4.5
V
VPU to VPx = 6.0 V, IOH = 0 mA
VPU − 0.3
V
VPU ≤ 2.7 V, IOH = 0.5 mA
Output Voltage When PDOx is
Low (VOL)
0
0.50
V
IOL = 20 mA
Output Sink Current When
PDOx is Low (IOL2)
20
mA
Maximum sink current per PDOx pin
Total Sink Current of PDOx Pins
(ISINK2)
60
mA
Maximum total sink for all PDOx pins
RPULL-UP
16
20
29
Internal pull-up resistor
Maximum Current Drawn from
VPx When PDOx is Internally
Pulled Up to VPx (ISOURCE)2
2
mA
Current load on any VPx pull-up resistors, that is, the
total source current available through any number of the
PDOx pull-up switches configured onto any one VPx pin
Three-State Output Leakage
Current
10
μA
VPDO = 14.4 V
Oscillator Frequency
90
100
110
kHz
All on-chip time delays are derived from this clock
DIGITAL INPUTS (VXx, A0, A1)
Input Voltage
High, VIH
2.0
V
Maximum VIN = 5.5 V
Low, VIL
0.8
V
Maximum VIN = 5.5 V
Input Current
High, IIH
−1
μA
VIN = 5.5 V
Low, IIL
1
μA
VIN = 0 V
Input Capacitance
5
pF
Programmable Pull-Down Current,
IPULL-DOWN
20
μA
VDDCAP = 4.75 V, TA = 25°C, if known logic state is required
SERIAL BUS, ICB DIGITAL INPUTS/
OUTPUT (SDA, SCL, CDA, CCL)
Input Voltage
High, VIH
2.0
V
Low, VIL
0.8
V
Input Low Current, IIL
1
μA
VIN = 0 V
Output Low Voltage, VOL2
0.4
V
IOUT = −3.0 mA
CDA, CCL Input Glitch Filter, tSP
50
ns
CDA, CCL Output Low Current, IOL
5
mA
VOL = 0.4 V
SDA, SCL SERIAL BUS TIMING3
See Figure 40
Clock Frequency, fSCLK
400
kHz
Bus Free Time, tBUF
1.3
μs
Start Setup Time, tSU;STA
0.6
μs
Stop Setup Time, tSU;STO
0.6
μs
Start Hold Time, tHD;STA
0.6
μs
SCL Low Time, tLOW
1.3
μs
SCL High Time, tHIGH
0.6
μs
SCL, SDA Rise Time, tR
300
ns
SCL, SDA Fall Time, tF
300
ns
Data Setup Time, tSU;DAT
100
ns
Data Hold Time, tHD;DAT
250
ns
CDA, CCL SERIAL BUS3
Clock Frequency, fSCLK
400
kHz
Bus Capacitance
240
pF
IOL = 5mA
Pin Capacitance
10
pF


同様の部品番号 - ADM1260ACPZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1266-EVALZ AD-ADM1266-EVALZ Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1266ACPZ AD-ADM1266ACPZ Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1266ACPZ-R7 AD-ADM1266ACPZ-R7 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
More results

同様の説明 - ADM1260ACPZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
   Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
   Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
   Cascadable Super Sequencer Margin Control and Fault Recording
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com