データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APW8855 データシート(PDF) 25 Page - Anpec Electronics Coropration

部品番号 APW8855
部品情報  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANPEC [Anpec Electronics Coropration]
ホームページ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8855 データシート(HTML) 25 Page - Anpec Electronics Coropration

Back Button APW8855 Datasheet HTML 21Page - Anpec Electronics Coropration APW8855 Datasheet HTML 22Page - Anpec Electronics Coropration APW8855 Datasheet HTML 23Page - Anpec Electronics Coropration APW8855 Datasheet HTML 24Page - Anpec Electronics Coropration APW8855 Datasheet HTML 25Page - Anpec Electronics Coropration APW8855 Datasheet HTML 26Page - Anpec Electronics Coropration APW8855 Datasheet HTML 27Page - Anpec Electronics Coropration APW8855 Datasheet HTML 28Page - Anpec Electronics Coropration APW8855 Datasheet HTML 29Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
25
14.3 VR2 Register Table
Addres s
0x03
Fie ld Na me
3V3 _ALW DAC [7:0]
Data B it
D7
D6
D5
D4
D3
D2
D1
D0
Bit Na me
3 V3_ ALW_ VSE L
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Po wer O n De fa ult
0
0
0
1
0
1
0
1
Bit Name
Bit Definition
3V 3_ALW_VS EL
0 0h : shutdown
0 1h : V R2 &V3V3_ALW_LDO Vol tag e = 2 900mV.
0 2h : V R2 &V3V3_ALW_LDO Vol tag e = 2 920mV.
0 3h : V R2 &V3V3_ALW_LDO Vol tag e = 2 940mV.
1 5h : V R2 &V
3V3 _ALW_ LDO Vol tag e = 3 300mV (De fau lt)
….
3 8h : V R2 &V
3V3 _ALW_ LDO Vol tag e = 4 000mV.
Addres s
0x0 4
Fie ld Na me
3V 3_ALW CO NTROL [7:0]
Data B it
D7
D6
D5
D4
D3
D2
D1
D0
Bit Na me
3V3_ ALW _SLEW
3V 3_A LW_FSW _S EL
3 V3_A LW_
_ SEL
3V 3_A LW_
_ EN
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
Po wer O n De fa ult
Reserved
0
0
1
0
0
0
Bit Name
Bit Definition
3V 3_ALW__E N
0: V R2 o ff (De fau lt)
1: V R2 o n
3V 3_ALW__S EL
0: V R2 o n/off i s controlle d by CTL (Defaul t)
1: V R2 o n/off i s controlle d by 3V 3_ALW_EN State
3V 3_ALW_FSW_S EL
00 : FSW = 1.0MHz at PWM mod e.
01 : FSW = 0.6MHz at PWM mod e.
10 : FSW = 0.8MHz at PWM mod e. (Defau lt)
11 : FSW = 1.2MHz a t PWM mode.
3V 3_ALW_SL EW
00 : Transition sl ew ra te = 1 0mV/us. (Default)
01 : Transition sl ew ra te = 1 5mV/us.
10 : Transition sl ew ra te = 2 0mV/us.
11 : Tra nsitio n sle w rate = 25mV /u s


同様の部品番号 - APW8855

メーカー部品番号データシート部品情報
logo
Anpec Electronics Corop...
APW8802 ANPEC-APW8802 Datasheet
509Kb / 25P
   High Input Voltage 8A PWM DC/DC Converter
APW8802QBI-TRG ANPEC-APW8802QBI-TRG Datasheet
509Kb / 25P
   High Input Voltage 8A PWM DC/DC Converter
APW8802QBI-TRL ANPEC-APW8802QBI-TRL Datasheet
509Kb / 25P
   High Input Voltage 8A PWM DC/DC Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
APW8804KBI-TRG ANPEC-APW8804KBI-TRG Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
More results

同様の説明 - APW8855

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS65313-Q1 TI1-TPS65313-Q1 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage Power-Management IC for Automotive Applications
logo
NXP Semiconductors
PF7100 NXP-PF7100 Datasheet
1Mb / 125P
   7-channel power management integrated circuit for high performance applications
Rev. 4-9 March 2021
logo
Linear Technology
LTC4000 LINER-LTC4000 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LTC4000 LINER-LTC4000_15 Datasheet
483Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
logo
Texas Instruments
TPS65311-Q1 TI1-TPS65311-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   High-Voltage Power-Management IC for Automotive Safety Applications
TPS65310A-Q1 TI1-TPS65310A-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   High-Voltage Power-Management IC For Automotive Safety Applications
logo
Renesas Technology Corp
ISL6269 RENESAS-ISL6269 Datasheet
657Kb / 14P
   High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
logo
Intersil Corporation
ISL6269 INTERSIL-ISL6269_06 Datasheet
316Kb / 17P
   High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Texas Instruments
LP3925 TI1-LP3925 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance Power Management Unit for Handset Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com