データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

APW8855 データシート(PDF) 37 Page - Anpec Electronics Coropration

部品番号 APW8855
部品情報  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANPEC [Anpec Electronics Coropration]
ホームページ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8855 データシート(HTML) 37 Page - Anpec Electronics Coropration

Back Button APW8855 Datasheet HTML 33Page - Anpec Electronics Coropration APW8855 Datasheet HTML 34Page - Anpec Electronics Coropration APW8855 Datasheet HTML 35Page - Anpec Electronics Coropration APW8855 Datasheet HTML 36Page - Anpec Electronics Coropration APW8855 Datasheet HTML 37Page - Anpec Electronics Coropration APW8855 Datasheet HTML 38Page - Anpec Electronics Coropration APW8855 Datasheet HTML 39Page - Anpec Electronics Coropration APW8855 Datasheet HTML 40Page - Anpec Electronics Coropration APW8855 Datasheet HTML 41Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
37
16.Application Information(Cont.)
Input Capacitor Selection
Use small ceramic capacitors for high frequency decoupling and bulk capacitors to supply the surge current needed
each time high-side MOSFET turns on. Place the small ceramic capacitors physically close to the MOSFETs and
between the drain of high-side MOSFET and the source of low-side MOSFET. The important parameters for the bulk
input capacitor are the voltage rating and the RMS current rating. For reliable operation, select the bulk capacitor with
voltage and current ratings above the maximum input voltage and largest RMS current required by the circuit. The
capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage and a voltage rating of
1.5 times is a conservative guideline. The maximum RMS current rating requirement is approximately I
OUT/2, where IOUT
is the load current.
Layout Consideration
S ignal Nam e
De scription
La yout G uidelines
GND
IC
’s analog ground.
Connect the GND pin to GND plane through
several vias directly.
1V5_ALW_PGND,and
1V8_ALW_PGND
IC
’s power ground pins of VR3
and VR4.
Use a ground plane or a short and wide trace
to connect the ground terminals of input
capacitors
and
output
capacitors,
and
1Vx_ALW_PGND pins on top layer.
Each of VR
’s Input Pins
(VSYS, 1V8_ALW_IN...)
All VR
’s input voltage pins.
Place the input capacitors on each of the VR
’s
input pins with low impedance to GND and low
impedance to the each of VR
’s input pins.
Each of PWM VR
’s LX pins
(5V_ALW_LX1,
1V8_ALW_LX
…)
These are the connections to the
mid point of the power stage
consisting
of
the
high-
and
low-side
switch.
The
output
inductor is connected here.
Connect to the output inductor with a short
wire.
For higher efficiency requirement, the
inductor and LX pins should be as close as
possible, and the trace resistance from LX pin
to inductor should be less than 10mOhm is
recommended.
Ideally, route the high current path like LX pins
to inductors and inductors to output capacitors
on the top layer is recommended.
Each of PWM VR
’s output
voltage feedback pins
(5V_ALW_FBP,
1V8_ALW_FBP
…)
Voltage feedback pin for each of
VR.
The pins are high impedance and sensible to
noise from the switch node. The positive
feedback signal should be tied to the V+ pad
of the output capacitor directly.
The feedback pin could be routed to the input
capacitor on the load side for remote sense.
Coupling from fast switching signals must be
avoided.
VSYS
APW8855 input supply voltage
Connect the input capacitors from VSYS to
GND for noise decoupling. The capacitors and
VSYS pins should be as close as possible.
5V_ALW_PWM,
3V3_ALW_PWM,
VDDP_ALW_PWM
The
gate
driver
outputs
of
5V_ALW,
3V3_ALW
and
VDDP_ALW
The traces of PWM signal from the gate driver
output pins to the APW8703 should be short to
eliminate the parasitical capacitance; the
parasitical capacitance less than 80pF is
recommended.


同様の部品番号 - APW8855

メーカー部品番号データシート部品情報
logo
Anpec Electronics Corop...
APW8802 ANPEC-APW8802 Datasheet
509Kb / 25P
   High Input Voltage 8A PWM DC/DC Converter
APW8802QBI-TRG ANPEC-APW8802QBI-TRG Datasheet
509Kb / 25P
   High Input Voltage 8A PWM DC/DC Converter
APW8802QBI-TRL ANPEC-APW8802QBI-TRL Datasheet
509Kb / 25P
   High Input Voltage 8A PWM DC/DC Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
APW8804KBI-TRG ANPEC-APW8804KBI-TRG Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
More results

同様の説明 - APW8855

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS65313-Q1 TI1-TPS65313-Q1 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage Power-Management IC for Automotive Applications
logo
NXP Semiconductors
PF7100 NXP-PF7100 Datasheet
1Mb / 125P
   7-channel power management integrated circuit for high performance applications
Rev. 4-9 March 2021
logo
Linear Technology
LTC4000 LINER-LTC4000 Datasheet
433Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
LTC4000 LINER-LTC4000_15 Datasheet
483Kb / 40P
   High Voltage High Current Controller for Battery Charging and Power Management
logo
Texas Instruments
TPS65311-Q1 TI1-TPS65311-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   High-Voltage Power-Management IC for Automotive Safety Applications
TPS65310A-Q1 TI1-TPS65310A-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   High-Voltage Power-Management IC For Automotive Safety Applications
logo
Renesas Technology Corp
ISL6269 RENESAS-ISL6269 Datasheet
657Kb / 14P
   High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
logo
Intersil Corporation
ISL6269 INTERSIL-ISL6269_06 Datasheet
316Kb / 17P
   High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Texas Instruments
LP3925 TI1-LP3925 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance Power Management Unit for Handset Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com