データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7091R-8BRUZ-RL7 データシート(PDF) 5 Page - Analog Devices

部品番号 AD7091R-8BRUZ-RL7
部品情報  2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7091R-8BRUZ-RL7 データシート(HTML) 5 Page - Analog Devices

  AD7091R-8BRUZ-RL7 Datasheet HTML 1Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 2Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 3Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 4Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 5Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 6Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 7Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 8Page - Analog Devices AD7091R-8BRUZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Data Sheet
AD7091R-2/AD7091R-4/AD7091R-8
Rev. C | Page 5 of 42
TIMING SPECIFICATIONS
VDD = 2.7 V to 5.25 V, VDRIVE = 1.8 V to 5.25 V, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CONVST Falling Edge to Data Available
tCONVERT
600
ns
Acquisition Time
tACQ
400
ns
Time Between Conversions (Normal Mode)
tCYC
1000
ns
CONVST Pulse Width
tCNVPW
10
500
ns
SCLK Period (Normal Mode)
tSCLK
VDRIVE Above 2.7 V
16
ns
VDRIVE Above 1.8 V
22
ns
SCLK Period (Chain Mode)
tSCLK
VDRIVE Above 2.7 V
20
ns
VDRIVE Above 1.8 V
25
ns
SCLK Low Time
tSCLKL
6
ns
SCLK High Time
tSCLKH
6
ns
SCLK Falling Edge to Data Remains Valid
tHSDO
5
ns
SCLK Falling Edge to Data Valid Delay
tDSDO
VDRIVE Above 4.5 V
12
ns
VDRIVE Above 3.3 V
13
ns
VDRIVE Above 2.7 V
14
ns
VDRIVE Above 1.8 V
20
ns
End of Conversion to CS Falling Edge
tEOCCSL
5
ns
CS Low to SDO Enabled
tEN
5
ns
CS High or Last SCLK Falling Edge to SDO High Impedance
tDIS
5
ns
SDI Data Setup Time Prior to SCLK Rising Edge
tSSDISCLK
5
ns
SDI Data Hold Time After SCLK Rising Edge
tHSDISCLK
2
ns
Last SCLK Falling Edge to Next CONVST Falling Edge
tQUIET
50
ns
RESET Pulse Width
tRESETPW
10
ns
RESET Pulse Delay Upon Power Up
tRESET_DELAY
50
ns
Time Between Conversions (Power On Software Reset)
tCYC_RESET
2
μs
Figure 2. Load Circuit for Digital Interface Timing
Figure 3. Voltage Levels for Timing
500µA
IOL
500µA
IOH
1.4V
TO SDO
CL
20pF
X% VDRIVE
VIH2
VIL2
VIL2
VIH2
1FOR
≤ 3.0V, X = 90 AND Y = 10; FOR
> 3.0V, X = 70 AND Y = 30.
2MINIMUM VIHAND MAXIMUM VIL USED. SEE SPECIFICATIONS FOR DIGITAL
INPUTS PARAMETER IN TABLE 2.
tDELAY
tDELAY
NOTES
Y% VDRIVE
VDRIVE
VDRIVE


同様の部品番号 - AD7091R-8BRUZ-RL7

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD7091R-8BRUZ-RL7 ETC2-AD7091R-8BRUZ-RL7 Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
More results

同様の説明 - AD7091R-8BRUZ-RL7

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866_17 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com