データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7656A-1BSTZ データシート(PDF) 8 Page - Analog Devices

部品番号 AD7656A-1BSTZ
部品情報  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7656A-1BSTZ データシート(HTML) 8 Page - Analog Devices

Back Button AD7656A-1BSTZ Datasheet HTML 4Page - Analog Devices AD7656A-1BSTZ Datasheet HTML 5Page - Analog Devices AD7656A-1BSTZ Datasheet HTML 6Page - Analog Devices AD7656A-1BSTZ Datasheet HTML 7Page - Analog Devices AD7656A-1BSTZ Datasheet HTML 8Page - Analog Devices AD7656A-1BSTZ Datasheet HTML 9Page - Analog Devices AD7656A-1BSTZ Datasheet HTML 10Page - Analog Devices AD7656A-1BSTZ Datasheet HTML 11Page - Analog Devices AD7656A-1BSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7656A-1
Data Sheet
Pin No.
Mnemonic
Description1
10
DB7/HBEN/DCEN
Data Bit 7/High Byte Enable/Daisy-Chain Enable. When the parallel interface is selected and the device is
used in word mode (SER/PAR/SEL = 0 and W/B = 0), Pin 10 functions as Data Bit 7. When the parallel
interface is selected and the device is used in byte mode (SER/PAR/SEL = 0 and W/B = 1), Pin 10 functions
as HBEN. If the HBEN is logic high, the data is output MSB byte first on DB15 to DB8. If HBEN is logic
low, the data is output LSB byte first on DB15 to DB8. When the serial interface is selected (SER/PAR/SEL =
1), Pin 10 functions as DCEN. If the DCEN is logic high, the AD7656A-1 operates in daisy-chain mode
with DB5 to DB3 functioning as DCIN A to DCIN C. When the serial interface is selected but the
device is not used in daisy-chain mode, tie DCEN to DGND.
11
DB6/SCLK
Data Bit 6/Serial Clock. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital output
pin. When SER/PAR/SEL = 1, this pin functions as the SCLK input and is the read serial clock for the
serial transfer.
12
DB5/DCIN A
Data Bit 5/Daisy-Chain Input A. When SER/PAR/SEL is low, this pin acts as a three-state parallel
digital output pin. When SER/PAR/SEL = 1 and DCEN = 1, this pin acts as Daisy-Chain Input A. When
the serial interface is selected, but the device is not used in daisy-chain mode, tie this pin to DGND.
13
DB4/DCIN B
Data Bit 4/Daisy-Chain Input B. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital
output pin. When SER/PAR/SEL = 1 and DCEN = 1, this pin acts as Daisy-Chain Input B. When the serial
interface is selected, but the device is not used in daisy-chain mode, tie this pin to DGND.
14
DB3/DCIN C
Data Bit 3/Daisy-Chain Input C. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital
output pin. When SER/PAR/SEL = 1 and DCEN = 1, this pin acts as Daisy-Chain Input C. When the serial
interface is selected, but the device is not used in daisy-chain mode, tie this pin to DGND.
15
DB2/SEL C
Data Bit 2/Select DOUT C. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital output
pin. When SER/PAR/SEL = 1, this pin functions as SEL C and is used to configure the serial interface. If
this pin is 1, the serial interface operates with three DOUT x output pins and enables DOUT C as a
serial output. If this pin is 0, the DOUT C is not enabled to operate as a serial data output pin. Leave
unused serial DOUT x pins unconnected.
16
DB1/SEL B
Data Bit 1/Select DOUT B. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital output
pin. When SER/PAR/SEL = 1, this pin functions as SEL B and is used to configure the serial interface. If
this pin is 1, the serial interface operates with two or three DOUT x output pins and enables DOUT B
as a serial output. If this pin is 0, DOUT B is not enabled to operate as a serial data output pin and
only one DOUT output pin, DOUT A, is used. Leave unused serial DOUT x pins unconnected.
17
DB0/SEL A
Data Bit 0/Select DOUT A. When SER/PAR/SEL = 0, this pin acts as a three-state parallel digital output
pin. When SER/PAR/SEL = 1, this pin functions as SEL A and is used to configure the serial interface. If
this pin is 1, the serial interface operates with one, two, or three DOUT x output pins and enables
DOUT A as a serial output. When the serial interface is selected, always set this pin to 1.
18
BUSY
Busy Output. This pin transitions to high when a conversion is started and remains high until the
conversion is complete and the conversion data is latched into the output data registers. A new
conversion cannot be initiated on the AD7656A-1 when the BUSY signal is high because any applied
CONVST edges are ignored.
19
CS
Chip Select. This active low logic input frames the data transfer. If both CS and RD are logic low and
the parallel interface is selected, the output bus is enabled, and the conversion result is output on
the parallel data bus lines. If both CS and WR are logic low and the parallel interface is selected, DB15 to
DB8 are used to write data to the on-chip control register. When the serial interface is selected, the
CS is used to frame the serial read transfer and clock out the MSB of the serial output data.
20
RD
Read Data. If both CS and RD are logic low and the parallel interface is selected, the output bus is
enabled. When the serial interface is selected, hold the RD line low.
21, 22, 23
CONVST C,
CONVST B, CONVST A
Conversion Start Input A, Conversion Start Input B, and Conversion Start Input C. These logic inputs
are used to initiate conversions on the ADC pairs. CONVST A is used to initiate simultaneous conversions
on V1 and V2. CONVST B is used to initiate simultaneous conversions on V3 and V4. CONVST C is
used to initiate simultaneous conversions on V5 and V6. When one of these pins switches from low
to high, the track-and-hold switch on the selected ADC pair switches from track to hold mode, and
the conversion is initiated. These inputs can also be used to place the ADC pairs into partial power-
down mode.
24
STBY
Standby Mode Input. This pin is used to put all six on-chip ADCs into standby mode. The STBY pin is
high for normal operation and low for standby operation.
26
DVCC
Digital Power, 4.75 V to 5.25 V. The DVCC and AVCC voltages should ideally be at the same potential
and must not be more than 0.3 V apart, even on a transient basis. Decouple this supply to DGND by
placing a 1 µF decoupling capacitor on the DVCC pin.
Rev. 0 | Page 8 of 28


同様の部品番号 - AD7656A-1BSTZ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1BSTZ AD-AD7656A-1BSTZ Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ-RL ETC2-AD7656A-1BSTZ-RL Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1BSTZ-RL AD-AD7656A-1BSTZ-RL Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
More results

同様の説明 - AD7656A-1BSTZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com