データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7768-4BSTZ-RL7 データシート(PDF) 9 Page - Analog Devices

部品番号 AD7768-4BSTZ-RL7
部品情報  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7768-4BSTZ-RL7 データシート(HTML) 9 Page - Analog Devices

Back Button AD7768-4BSTZ-RL7 Datasheet HTML 5Page - Analog Devices AD7768-4BSTZ-RL7 Datasheet HTML 6Page - Analog Devices AD7768-4BSTZ-RL7 Datasheet HTML 7Page - Analog Devices AD7768-4BSTZ-RL7 Datasheet HTML 8Page - Analog Devices AD7768-4BSTZ-RL7 Datasheet HTML 9Page - Analog Devices AD7768-4BSTZ-RL7 Datasheet HTML 10Page - Analog Devices AD7768-4BSTZ-RL7 Datasheet HTML 11Page - Analog Devices AD7768-4BSTZ-RL7 Datasheet HTML 12Page - Analog Devices AD7768-4BSTZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 9 of 99
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Leakage Current
Floating state
−10
+10
µA
Output Capacitance
Floating state
10
pF
SYSTEM CALIBRATION2
Full-Scale Calibration Limit
1.05 × VREF
V
Zero-Scale Calibration Limit
−1.05 × VREF
V
Input Span
0.4 × VREF
2.1 × VREF
V
POWER REQUIREMENTS
Power Supply Voltage
AVDD1 − AVSS
4.5
5.0
5.5
V
AVDD2 − AVSS
2.0
2.25 to 5.0
5.5
V
AVSS − DGND
−2.75
0
V
IOVDD − DGND
See Table 2 for 1.8 V operation
2.25
2.5 to 3.3
3.6
V
POWER SUPPLY CURRENTS
Maximum output data rate, CMOS MCLK,
eight DOUTx signals, all supplies at
maximum voltages, all channels in
Channel Mode A except where
otherwise specified
AD7768
Eight channels active
Fast Mode
AVDD1 Current
Reference precharge buffers off/on
36/57.5
40/64
mA
AVDD2 Current
37.5
40
mA
IOVDD Current
Wideband filter
63
67
mA
Sinc5 filter
27
29
mA
Median Mode
AVDD1 Current
Reference precharge buffers off/on
18.5/29
20.5/32.5
mA
AVDD2 Current
21.3
23
mA
IOVDD Current
Wideband filter
34
37
mA
Sinc5 filter
16
18
mA
Eco Mode
AVDD1 Current
Reference precharge buffers off/on
5.1/8
5.8/9
mA
AVDD2 Current
9.3
10.1
mA
IOVDD Current
Wideband filter
12.5
13.7
mA
Sinc5 filter
8
9
mA
AD7768-4
Four Channels Active
Fast Mode
AVDD1 Current
Reference precharge buffers off/on
18.2/28.8
20.3/32.5
mA
AVDD2 Current
18.8
20.3
mA
IOVDD Current
Wideband filter2
43.5
46.8
mA
Wideband filter, SPI mode only;
Channel Mode A set to sinc5 filter8
37
40
mA
Sinc5 filter2
17
18.6
mA
Median Mode
AVDD1 Current
Reference precharge buffers off/on
9.3/14.7
10.5/16.6
mA
AVDD2 Current
10.7
11.7
mA
IOVDD Current
Wideband filter2
24.4
26.4
mA
Wideband filter, SPI mode only;
Channel Mode A set to sinc5 filter8
21
23
mA
Sinc5 filter2
11
12.3
mA
Eco Mode
AVDD1 Current
Reference precharge buffers off/on
2.7/4.1
3.1/4.7
mA
AVDD2 Current
4.7
5.3
mA


同様の部品番号 - AD7768-4BSTZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7768-4 AD-AD7768-4 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
More results

同様の説明 - AD7768-4BSTZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7761 AD-AD7761_17 Datasheet
1Mb / 76P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
AD7761 AD-AD7761 Datasheet
1Mb / 69P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com