データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7770ACPZ データシート(PDF) 1 Page - Analog Devices

部品番号 AD7770ACPZ
部品情報  8-Channel, 24-Bit, Simultaneous Sampling ADC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7770ACPZ データシート(HTML) 1 Page - Analog Devices

  AD7770ACPZ Datasheet HTML 1Page - Analog Devices AD7770ACPZ Datasheet HTML 2Page - Analog Devices AD7770ACPZ Datasheet HTML 3Page - Analog Devices AD7770ACPZ Datasheet HTML 4Page - Analog Devices AD7770ACPZ Datasheet HTML 5Page - Analog Devices AD7770ACPZ Datasheet HTML 6Page - Analog Devices AD7770ACPZ Datasheet HTML 7Page - Analog Devices AD7770ACPZ Datasheet HTML 8Page - Analog Devices AD7770ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
8-Channel, 24-Bit,
Simultaneous Sampling ADC
Data Sheet
AD7770
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
8-channel, 24-bit simultaneous sampling analog-to-digital
converter (ADC)
Single-ended or true differential inputs
Programmable gain amplifier (PGA) per channel (gains of
1, 2, 4, and 8)
Low dc input current: ±8 nA
Up to 32 kSPS output data rate (ODR) per channel
Programmable ODRs and bandwidth
Sample rate converter (SRC) for coherent sampling
Sampling rate resolution up to 15.2 × 10−6 SPS
Low latency sinc3 filter path
Adjustable phase synchronization
Internal 2.5 V reference
Two power modes
High resolution mode
Low power mode
Optimizes power dissipation and performance
Low resolution successive approximation register (SAR) ADC
for system and chip diagnostics
Power supply
Bipolar (±1.65 V) or unipolar (3.3 V) supplies
Digital input/output (I/O) supply: 1.8 V to 3.6 V
Performance temperature range: −40°C to +105°C
Functional temperature range: −40°C to +125°C
Performance
Combined ac and dc performance
103 dB dynamic range at 32 kSPS in high resolution mode
−109 dB total harmonic distortion (THD)
±9 ppm of FSR integral nonlinearity (INL)
±15 µV offset error
±0.1% FS gain error
±10 ppm/°C typical temperature coefficient
APPLICATIONS
Protection relays
General-purpose data acquisition
Industrial process control
GENERAL DESCRIPTION
The AD7770 is an 8-channel, simultaneous sampling ADC. Eight
full sigma-delta (Σ-Δ) ADCs are on chip. The AD7770 provides
a low input current to allow direct sensor connection. Each input
channel has a programmable gain stage allowing gains of 1, 2, 4,
and 8 to map lower amplitude sensor outputs into the full-scale
ADC input range, maximizing the dynamic range of the signal
chain. The AD7770 accepts a VREF voltage from 1 V up to 3.6 V.
The analog inputs accept unipolar (0 V to VREF) or true bipolar
(±VREF/2) analog input signals with 3.3 V or ±1.65 V analog
supply voltages, respectively for PGAGAIN = 1. The analog inputs
can accept true differential, pseudo differential, or single-ended
signals to match different sensor output configurations.
Each channel contains a PGA, an ADC modulator and a
sinc3, low latency digital filter. An SRC is provided to allow fine
resolution control over the AD7770 ODR. This control can be
used in applications where the ODR resolution is required to
maintain coherency with 0.01 Hz changes in the line frequency.
The SRC is programmable through the serial port interface (SPI).
The AD7770 implements two different interfaces: a data output
interface and SPI control interface. The ADC data output interface
is dedicated to transmitting the ADC conversion results from
the AD7770 to the processor. The SPI writes to and reads from
the AD7770 configuration registers and for the control and
reading of data from the SAR ADC. The SPI can also be
configured to output the Σ-Δ conversion data.
The AD7770 includes a 12-bit SAR ADC. This ADC can be
used for AD7770 diagnostics without having to decommission
one of the Σ-Δ ADC channels dedicated to system measurement
functions. With the use of an external multiplexer, which can be
controlled through the three general-purpose input/output pins
(GPIOs), and signal conditioning, the SAR ADC can validate
the Σ-Δ ADC measurements in applications where functional
safety is required. In addition, the AD7770 SAR ADC includes
an internal multiplexer to sense internal nodes.
The AD7770 contains a 2.5 V reference and reference buffer. The
reference has a typical temperature coefficient of 10 ppm/°C.
The AD7770 offers two modes of operation: high resolution mode
and low power mode. High resolution mode provides a higher
dynamic range while consuming 10.75 mW per channel; low
power mode consumes just 3.37 mW per channel at a reduced
dynamic range specification.
The specified operating temperature range is −40°C to +105°C,
although the device is operational up to +125°C.
Note that throughout this data sheet, certain terms are used to
refer to either the multifunction pins or a range of pins. The multi-
function pins, such as DCLK0/SDO, are referred to either by the
entire pin name or by a single function of the pin, for example,
DCLK0, when only that function is relevant. In the case of ranges
of pins, AVSSx refers to the following pins: AVSS1A, AVSS1B,
AVSS2A, AVSS2B, AVSS3, and AVSS4.


同様の部品番号 - AD7770ACPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7770ACPZ AD-AD7770ACPZ Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770ACPZ-RL AD-AD7770ACPZ-RL Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
More results

同様の説明 - AD7770ACPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7779 AD-AD7779 Datasheet
1Mb / 97P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
   24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
   24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com