データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ54A データシート(PDF) 4 Page - Nanjing International Group Co

部品番号 SMAJ54A
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DGNJDZ [Nanjing International Group Co]
ホームページ  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMAJ54A データシート(HTML) 4 Page - Nanjing International Group Co

  SMAJ54A Datasheet HTML 1Page - Nanjing International Group Co SMAJ54A Datasheet HTML 2Page - Nanjing International Group Co SMAJ54A Datasheet HTML 3Page - Nanjing International Group Co SMAJ54A Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ200
SMAJ200C
SW
XW
200
222
282.0
1.0
356
1.1
5.0
SMAJ200A SMAJ200CA
SX
XX
200
222
256.0
1.0
322
1.2
5.0
SMAJ210
SMAJ210C
SY
XY
210
233
296.1
1.0
375
1.1
5.0
SMAJ210A SMAJ210CA
SZ
XZ
210
233
268.8
1.0
339
1.2
5.0
SMAJ220
SMAJ220C
ZD
YD
220
244
310.2
1.0
392
1.0
5.0
SMAJ220A SMAJ220CA
ZE
YE
220
244
281.6
1.0
355
1.1
5.0
SMAJ250
SMAJ250C
ZF
YF
250
278
342.5
1.0
447
0.9
5.0
SMAJ250A SMAJ250CA
ZG
YG
250
278
309.0
1.0
403
1.0
5.0
SMAJ300
SMAJ300C
ZH
YH
300
333
411.0
1.0
535
0.7
5.0
SMAJ300A SMAJ300CA
ZK
YK
300
333
371.0
1.0
484
0.8
5.0
SMAJ350
SMAJ350C
ZL
YL
350
389
479.5
1.0
624
0.6
5.0
SMAJ350A SMAJ350CA
ZM
YM
350
389
432.0
1.0
565
0.7
5.0
SMAJ400
SMAJ400C
ZN
YN
400
444
548.0
1.0
687
0.6
5.0
SMAJ400A SMAJ400CA
ZP
YP
400
444
494.0
1.0
645
0.6
5.0
SMAJ440
SMAJ440C
ZQ
YQ
440
489
602.8
1.0
786
0.5
5.0
SMAJ440A SMAJ440CA
ZR
YR
440
489
543.0
1.0
710
0.6
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
SMAJ SERIES


同様の部品番号 - SMAJ54A

メーカー部品番号データシート部品情報
logo
Littelfuse
SMAJ54A LITTELFUSE-SMAJ54A Datasheet
3Mb / 146P
   TVS Diode Products
logo
WeEn Semiconductors
SMAJ54A WEEN-SMAJ54A Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Surge Components
SMAJ54A SURGE-SMAJ54A Datasheet
703Kb / 4P
   Surface mount Transient Voltage Suppressors
logo
Jinan Gude Electronic D...
SMAJ54A JGD-SMAJ54A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ54A SOCAY-SMAJ54A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

同様の説明 - SMAJ54A

メーカー部品番号データシート部品情報
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com