データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ300A データシート(PDF) 3 Page - Nanjing International Group Co

部品番号 SMAJ300A
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DGNJDZ [Nanjing International Group Co]
ホームページ  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMAJ300A データシート(HTML) 3 Page - Nanjing International Group Co

  SMAJ300A Datasheet HTML 1Page - Nanjing International Group Co SMAJ300A Datasheet HTML 2Page - Nanjing International Group Co SMAJ300A Datasheet HTML 3Page - Nanjing International Group Co SMAJ300A Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
SMAJ54
SMAJ54C
RD
WD
54
60.0
76.0
1.0
96.3
4.2
5.0
SMAJ54A
SMAJ54CA
RE
WE
54
60.0
69.0
1.0
87.1
4.6
5.0
SMAJ58
SMAJ58C
RF
WF
58
64.4
81.6
1.0
103
3.9
5.0
SMAJ58A
SMAJ58CA
RG
WG
58
64.4
74.1
1.0
93.6
4.3
5.0
SMAJ60
SMAJ60C
RH
WH
60
66.7
84.5
1.0
107
3.7
5.0
SMAJ60A
SMAJ60CA
RK
WK
60
66.7
76.7
1.0
96.8
4.1
5.0
SMAJ64
SMAJ64C
RL
WL
64
71.1
90.1
1.0
114
3.5
5.0
SMAJ64A
SMAJ64CA
RM
WM
64
71.1
81.8
1.0
103
3.9
5.0
SMAJ70
SMAJ70C
RN
WN
70
77.8
98.6
1.0
125
3.2
5.0
SMAJ70A
SMAJ70CA
RP
WP
70
77.8
89.5
1.0
113
3.5
5.0
SMAJ75
SMAJ75C
RQ
WQ
75
83.0
105.7
1.0
134
3.0
5.0
SMAJ75A
SMAJ75CA
RR
WR
75
83.0
95.8
1.0
121
3.3
5.0
SMAJ78
SMAJ78C
RS
WS
78
86.0
109.8
1.0
139
2.9
5.0
SMAJ78A
SMAJ78CA
RT
WT
78
86.0
99.7
1.0
126
3.2
5.0
SMAJ85
SMAJ85C
RU
WU
85
94.0
119.2
1.0
151
2.6
5.0
SMAJ85A
SMAJ85CA
RV
WV
85
94.0
108.2
1.0
137
2.9
5.0
SMAJ90
SMAJ90C
RW
WW
90
100
126.5
1.0
160
2.5
5.0
SMAJ90A
SMAJ90CA
RX
WX
90
100
115.5
1.0
146
2.7
5.0
SMAJ100
SMAJ100C
RY
WY
100
111
141.0
1.0
179
2.2
5.0
SMAJ100A SMAJ100CA
RZ
WZ
100
111
128.0
1.0
162
2.5
5.0
SMAJ110
SMAJ110C
SD
XD
110
122
154.5
1.0
196
2.0
5.0
SMAJ110A
SMAJ110CA
SE
XE
110
122
140.5
1.0
177
2.3
5.0
SMAJ120
SMAJ120C
SF
XF
120
133
169.0
1.0
214
1.9
5.0
SMAJ120A SMAJ120CA
SG
XG
120
133
153.0
1.0
193
2.1
5.0
SMAJ130
SMAJ130C
SH
XH
130
144
182.5
1.0
231
1.7
5.0
SMAJ130A SMAJ130CA
SK
XK
130
144
165.5
1.0
209
1.9
5.0
SMAJ150
SMAJ150C
SL
XL
150
167
211.5
1.0
268
1.5
5.0
SMAJ150A SMAJ150CA
SM
XM
150
167
192.5
1.0
243
1.6
5.0
SMAJ160
SMAJ160C
SN
XN
160
178
226.0
1.0
287
1.4
5.0
SMAJ160A SMAJ160CA
SP
XP
160
178
205.0
1.0
259
1.5
5.0
SMAJ170
SMAJ170C
SQ
XQ
170
189
239.5
1.0
304
1.3
5.0
SMAJ170A SMAJ170CA
SR
XR
170
189
217.5
1.0
275
1.5
5.0
SMAJ180
SMAJ180C
SS
XS
180
200
253.8
1.0
321
1.2
5.0
SMAJ180A SMAJ180CA
ST
XT
180
200
230.4
1.0
290
1.4
5.0
SMAJ190
SMAJ190C
SU
XU
190
211
267.9
1.0
339
1.2
5.0
SMAJ190A SMAJ190CA
SV
XV
190
211
243.2
1.0
306
1.3
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
SMAJ SERIES


同様の部品番号 - SMAJ300A

メーカー部品番号データシート部品情報
logo
Littelfuse
SMAJ300A LITTELFUSE-SMAJ300A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
SeCoS Halbleitertechnol...
SMAJ300A SECOS-SMAJ300A Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
logo
Socay Electornics Co., ...
SMAJ300A SOCAY-SMAJ300A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Cystech Electonics Corp...
SMAJ300A CYSTEKEC-SMAJ300A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
logo
Formosa MS
SMAJ300A FORMOSA-SMAJ300A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
More results

同様の説明 - SMAJ300A

メーカー部品番号データシート部品情報
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com