データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP180 データシート(PDF) 8 Page - ISOCOM COMPONENTS

部品番号 TLP180
部品情報  AC Isolation Voltage 3750VRMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISOCOM [ISOCOM COMPONENTS]
ホームページ  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TLP180 データシート(HTML) 8 Page - ISOCOM COMPONENTS

Back Button TLP180 Datasheet HTML 2Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 3Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 4Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 5Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 6Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 7Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 8Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 9Page - ISOCOM COMPONENTS TLP180 Datasheet HTML 10Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 24/06/2015
DC93186
IS180
ISOCOM
COMPONENTS
IR REFLOW SOLDERING TEMPERATURE PROFILE
(One Time Reflow Soldering is Recommended)
TIME (s)
25°C
ts Preheat
60s – 120s
Tsmin
Tsmax
260°C
TL
217°C
Time 25°C to Peak Temperature
tP
TP - 5°C
TP
Max Ramp Up Rate
3°C/s
Max Ramp Down Rate
6°C/s
TL
180°C
150°C
Profile Details
Conditions
Preheat
- Min Temperature (TSMIN)
- Max Temperature (TSMAX)
- Time TSMIN to TSMAX (ts)
150°C
180°C
60s - 120s
Soldering Zone
- Peak Temperature (TP)
- Liquidous Temperature (TL)
- Time within 5°C of Actual Peak Temperature (TP ̶ 5°C)
- Time maintained above TL (tL)
- Ramp Up Rate (TL to TP)
- Ramp Down Rate (TP to TL)
260°C
217°C
20s
60s
3°C/s max
3 - 6°C/s
Average Ramp Up Rate (Tsmax to TP)
3°C/s max
Time 25°C to Peak Temperature
8 minutes max


同様の部品番号 - TLP180

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180 Datasheet
188Kb / 8P
   Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
   Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
More results

同様の説明 - TLP180

メーカー部品番号データシート部品情報
logo
Solid State Optronic
AD6C211-L SSOUSA-AD6C211-L_15 Datasheet
309Kb / 9P
   High Isolation Voltage (3750VRMS)
AD6C311-L SSOUSA-AD6C311-L Datasheet
309Kb / 9P
   High Isolation Voltage (3750VRMS)
AD6C111-L SSOUSA-AD6C111-L_15 Datasheet
316Kb / 9P
   High Isolation Voltage (3750VRMS)
logo
Rohm
BM60015FV-LB ROHM-BM60015FV-LB Datasheet
1Mb / 29P
   Isolation voltage 3750Vrms 1ch Gate Driver Providing Galvanic Isolation
BM61S40RFV-C ROHM-BM61S40RFV-C Datasheet
2Mb / 28P
   Isolation voltage 3750Vrms 1ch Gate Driver Providing Galvanic Isolation
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1_15 Datasheet
286Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE
PS2505-1 RENESAS-PS2505-1 Datasheet
5Mb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE
Dec 25, 2020
PS2506-1 RENESAS-PS2506-1 Datasheet
279Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE
Nov 4, 2022
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
logo
MORNSUN Science& Techno...
URB1D03LMD-10WR3 MORNSUN-URB1D03LMD-10WR3 Datasheet
4Mb / 8P
   Enhanced isolation, isolation voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com