データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD65ZU2GA681MYKA データシート(PDF) 2 Page - TDK Electronics

部品番号 CD65ZU2GA681MYKA
部品情報  High Voltage Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

CD65ZU2GA681MYKA データシート(HTML) 2 Page - TDK Electronics

  CD65ZU2GA681MYKA Datasheet HTML 1Page - TDK Electronics CD65ZU2GA681MYKA Datasheet HTML 2Page - TDK Electronics CD65ZU2GA681MYKA Datasheet HTML 3Page - TDK Electronics CD65ZU2GA681MYKA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(1/3)
006-01 / 20130207 / leaddisc_commercial_cd_en.fm
• All specifications are subject to change without notice.
Disc Type Capacitors with Lead
High Voltage Ceramic Capacitors
Commercial Grade
Safety Standard Approved
CD Series
REINFORCED INSULATION TYPE
CLASS 2 HIGH DIELECTRIC
FEATURES
• Compliant with IEC and the safety standards of various coun-
tries.
• This ceramic capacitor meets reinforced insulation's Safety
Standards.
Since it is rated at a withstand voltage of AC.4000V, it can be
used in single-unit configurations within European Class II
devices.
• Flame-resistant reinforced outer insulation prevents fires, electri-
cal shock, and other potential hazards.
• Compatible with halogen-free external resin coating.
OPERATING TEMPERATURE RANGE: –25 to +125°C
TEMPERATURE CHARACTERISTICS AND TOLERANCE
PRODUCT IDENTIFICATION
(1) Type
(2) Shape
(3) Temperature characteristics
(4) Rated voltage
(5) Nominal capacitance
(6) Capacitance tolerance
(7) Class
(8) Lead type
(9) Safety standard
(10) Halogen-free compatible product
Conformity to RoHS Directive
Temperature characteristics
Test temperature
range
Capacitance
tolerance
SL (+350 to –1000ppm/°C)
+20 to +85°C
J (±5%)
B (±10%)
–25 to +85°C
K (±10%)
Z5U (+22, –56%)
+10 to +85°C
M (±20%)
CD 90 ZU 2GA 222 M
Y
N
K
A
(1) (2) (3)
(4)
(5)
(6) (7) (8) (9) (10)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


同様の部品番号 - CD65ZU2GA681MYKA

メーカー部品番号データシート部品情報
logo
TDK Electronics
CD65ZU2GA681MYKA TDK-CD65ZU2GA681MYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD65ZU2GA681MYKA TDK-CD65ZU2GA681MYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD65ZU2GA681MYKA TDK-CD65ZU2GA681MYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
More results

同様の説明 - CD65ZU2GA681MYKA

メーカー部品番号データシート部品情報
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CD85-B2GA471KYGKA TDK-CD85-B2GA471KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD80ZU2GA152MYGKA TDK-CD80ZU2GA152MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
C41E2 MURATA-C41E2 Datasheet
310Kb / 20P
   HIGH VOLTAGE CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com