データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMF24A データシート(PDF) 1 Page - Nanjing International Group Co

部品番号 SMF24A
部品情報  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DGNJDZ [Nanjing International Group Co]
ホームページ  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMF24A データシート(HTML) 1 Page - Nanjing International Group Co

  SMF24A Datasheet HTML 1Page - Nanjing International Group Co SMF24A Datasheet HTML 2Page - Nanjing International Group Co SMF24A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MF170A
S
Stand- off Voltage : 5 to 170 V
Peak Power : 200 W
FEATURES :
* Stand-off voltage ; 5 - 170 Volts
* Peak Power ; - 200 Watts @ 1 ms (SMF5.0A - SFM58A)
- 175 Watts @ 1 ms (SFM60A - SFM170A)
* Maximum clamp voltage @ Peak pulse current
* Low leakage
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SOD-123 plastic Case
* Weight : approx. 0.01 g
MAXIMUM RATINGS
Rating at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Maximum PPK Dissipation (PW - 10/1000 s)
SMF60A - SMF170A
175
W
(Note 1)
SMF5.0A - SMF58A
200
W
Maximum PPK Dissipation @ Ta = 25 °C (PW - 8/10 s) (Note 2)
PPK
1000
W
DC Power Dissipation @ Ta = 25 °C
(Note 3)
PD
385
mW
Derate above 25 °C
4.0
mW/ °C
Thermal Resistance, Junction to Ambient (Note 3)
R JA
325
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes :
(1) Non repetitive current pulse at Ta = 25°C, per waveform of Fig. 2.
(2) Non repetitive current pulse at Ta = 25°C, per waveform of Fig. 5.
(3) Mounted with recommended minimum pad size, DC board FR4.
PPK
3.9
3.7
2.7
2.6
Dimensions in millimeters
SOD-123
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
S F
M 5.0A -


同様の部品番号 - SMF24A

メーカー部品番号データシート部品情報
logo
DONGGUAN YOU FENG WEI E...
SMF24A YFWDIODE-SMF24A Datasheet
88Kb / 4P
   Surface mounttransient voltage suppressor power 400 watts
logo
Vishay Siliconix
SMF24A VISHAY-SMF24A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
RFE international
SMF24A RFE-SMF24A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
11-07-2022
logo
Vishay Siliconix
SMF24A VISHAY-SMF24A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Anova Technologies CO.,...
SMF24A ANOVA-SMF24A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

同様の説明 - SMF24A

メーカー部品番号データシート部品情報
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com